Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 4Page - Texas Instruments TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
8
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
central processing unit (CPU) (continued)
256-Byte RAM (0000h–00FFh)
Peripheral File
Reserved†
7FC0h – 7FDFh
PACT Interrupt 1-18
7FEEh – 7FF7h
Reserved†
7FECh –7FEDh
Interrupt 1
Reset
1020h – 102Fh
Digital Port Control
Vectors
ADC1
7FFCh – 7FFDh
7FFEh – 7FFFh
0000h
0100h
0080h
0FFFh
1000h
10BFh
10C0h
1EFFh
1F00h
1FFFh
2000h
5FFFh
6000h
FFFFh
00FFh
Interrupts and Reset Vectors;
Trap and PACT Vectors
7F9Bh
7F9Ch
7FFFh
8000h
7FF8h – 7FF9h
7FFAh – 7FFBh
Peripheral File Control Registers
1010h – 101Fh
1050h – 105Fh
System Control
1030h – 103Fh
1040h – 104Fh
ADC1 Peripheral Control
Trap 15 – 0
Reserved†
Reserved†
256-Byte Data EEPROM
Reserved†
8K-Byte ROM/EPROM
Reserved†
7F9Ch – 7FBFh
7FE0h – 7FEBh
1000h – 100Fh
1060h – 106Fh
1070h – 107Fh
Reserved†
PACT Peripheral Control
Reserved†
Reserved†
Reserved†
Interrupt 2
Interrupt 3
Dual–Port RAM (0080h–00FFh)
† Reserved means that the address space is reserved for future expansion.
Figure 3. TMS370Cx32 Memory Map
RAM / register file (RF)
Locations within the RAM address space can serve as the RF, general-purpose read / write memory, program
memory, or the stack instructions. The TMS370Cx32 devices contain 256 bytes of internal RAM,
memory-mapped beginning at location 0000h (R0) and continuing through location 00FFh (R255) which is
shown in Figure 1.
The first two registers, R0 and R1, are also called register A and B, respectively. Some instructions implicitly
use register A or B; for example, the instruction LDSP (load SP) assumes that the value to be loaded into the
stack pointer is contained in register B. Registers A and B are the only registers cleared on reset.
dual-port RAM
The upper 128 bytes of the register files (0080h – 00FFh) can be used by the PACT module to contain
commands and definitions as well as timer values. Any RAM not used by PACT can be used as additional CPU
register or as general-purpose memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com