Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 35Page - Texas Instruments TMS370 Datasheet HTML 36Page - Texas Instruments TMS370 Datasheet HTML 37Page - Texas Instruments TMS370 Datasheet HTML 38Page - Texas Instruments TMS370 Datasheet HTML 39Page - Texas Instruments TMS370 Datasheet HTML 40Page - Texas Instruments TMS370 Datasheet HTML 41Page - Texas Instruments TMS370 Datasheet HTML 42Page - Texas Instruments TMS370 Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
40
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
ADC1 converter (continued)
The ADC1 module allows complete freedom in design of the sources for the analog inputs. The period of the
sample time is user-defined so that the high-impedance can be accommodated without penalty to the
low-impedance sources. The sample period begins when the SAMPLE START bit of the ADC1 control register
(ADCTL.6) is set to 1. The end of the signal sample period occurs when the conversion bit (CONVERT START,
ADCTL.7) is set to 1. After a hold time, the converter will reset the SAMPLE START and CONVERT START bits,
signaling that a conversion has started and that the analog signal can be removed.
analog timing requirements (see Figure 18)
MIN
MAX
UNIT
tsu(S)
Setup time, analog to sample command
0
ns
th(AN)
Hold time, analog input from start of conversion
18tc
ns
tw(S)
Pulse duration, sample time per kilo-
Ω of source impedance†
1
µs/kΩ
† The value given is valid for a signal with a source impedance > 1 k
Ω. If the source impedance is < 1 kΩ, use a minimum sampling time of 1µs.
Analog In
Sample Start
Convert Start
Analog Stable
th(AN)
tw(S)
tsu(S)
Figure 18. Analog Timing
Table 18 is designed to aid the user in referencing a device part number to a mechanical drawing. The table
shows a cross-reference of the device part number to the TMS370 generic package name and the associated
mechanical drawing by drawing number and name.
Table 18. TMS370Cx32 Family Package Type and Mechanical Cross-Reference
PKG TYPE
(mil pin spacing)
TMS370 GENERIC NAME
PKG TYPE NO. AND
MECHANICAL NAME
DEVICE PART NUMBERS
FN – 44 pin
(50-mil pin spacing)
PLASTIC LEADED CHIP CARRIER
(PLCC)
FN(S-PQCC-J**) PLASTIC J-LEADED
CHIP CARRIER
TMS370C032AFNA
TMS370C032AFNL
TMS370C032AFNT
TMS370C332AFNA
TMS370C332AFNL
TMS370C332AFNT
TMS370C732AFNT
FZ – 44 pin
(50-mil pin spacing)
CERAMIC LEADED CHIP CARRIER
(CLCC)
FZ(S-CQCC-J**) J-LEADED CERAMIC
CHIP CARRIER
SE370C732AFZT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com