Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 14Page - Texas Instruments TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments TMS370 Datasheet HTML 18Page - Texas Instruments TMS370 Datasheet HTML 19Page - Texas Instruments TMS370 Datasheet HTML 20Page - Texas Instruments TMS370 Datasheet HTML 21Page - Texas Instruments TMS370 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
18
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
digital port control registers
Peripheral file frame 2 contains the digital I/O pin configuration and control registers. Table 11 shows the specific
addresses, registers, and control bits within this peripheral file frame. Table 12 shows the port configuration
register setup.
Table 11. Peripheral File Frame 2: Digital Port-Control Registers
PF
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
P020
Reserved
APORT1
P021
Port A Control Register 2 (must be 0)
APORT2
P022
Port A Data
ADATA
P023
Port A Direction
ADIR
P024
to
P02B
Reserved
P02C
Port D Control Register 1
(must be 0)
—
Port D Control Register 1
(must be 0)
—
—
—
DPORT1
P02D
Port D Control Register 2
(must be 0)†
—
Port D Control Register 2
(must be 0)†
—
—
—
DPORT2
P02E
Port D Data
—
Port D Data
—
—
—
DDATA
P02F
Port D Direction
—
Port D Direction
—
—
—
DDIR
† To configure pin D3 as SYSCLK, set port D control register 2 = 08h.
Table 12. Port Configuration Register Setup
PORT
PIN
abcd
00q1
abcd
00y0
A
0 – 7
Data out q
Data In y
D
3, 4, 6, 7
Data out q
Data In y
a = Port x Control Register 1
b = Port x Control Register 2
c = Data
d = Direction
programmable acquisition and control timer (PACT) module
Traditionally, timers in microcontrollers provide limited capture and compare functions consuming significant
CPU processing power, leading to inaccurate timings due to interrupt latencies. The programmable acquisition
and control timer (PACT8) acts as a coprocessor combining configurable capture and compare features, within
a flexible dual-port RAM, able to run real-time tasks with little or no CPU intervention. The PACT structure allows
concatenation of tasks, thus enabling the CPU to perform data manipulation while the PACT module both
captures and outputs real-time-related information. Since all the PACT control information is held within the
dual-port RAM, the CPU can access these parameters quickly.
To use the PACT, the user must set up three distinct areas of memory. The first is the dual-port RAM, which
contains the capture area, the commands, and the timer definitions. The second is the peripheral frame. The
third is an area near the end of the program memory which holds the interrupt vectors of PACT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com