Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 3 Page - Texas Instruments

  TMS370 Datasheet HTML 1Page - Texas Instruments TMS370 Datasheet HTML 2Page - Texas Instruments TMS370 Datasheet HTML 3Page - Texas Instruments TMS370 Datasheet HTML 4Page - Texas Instruments TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
functional block diagram
Interrupts
CP1
SCITXD
SCIRXD
V
System
Control
Clock Options:
Divide-By-4 or
Divide-By-1 (PLL)
Port A
Port D
PACT
Watchdog
INT1
E0-E7
or
AN0-AN7
XTAL1
XTAL2/
CLKIN
MC
RESET
SS1
VCC1
Program Memory
ROM: 8K Bytes
EPROM: 8K Bytes
Data EEPROM
256 Bytes
4
8
A-to-D
Converter 1
VCC3
VSS3
Mini SCI
CPU
RAM
Register File
256 Bytes
CP6
OP1
OP8
.
.
.
.
INT2
INT3
description
The TMS370C032A, TMS370C332A, TMS370C732A, and SE370C732A devices are members of the TMS370
family of single-chip 8-bit microcontrollers. Unless otherwise noted, the term TMS370Cx32 refers to these
devices. The TMS370 family provides cost-effective real-time system control through integration of advanced
peripheral-function modules and various on-chip memory configurations.
The TMS370Cx32 family of devices is implemented using high-performance silicon-gate CMOS EPROM and
EEPROM technologies. Low-operating power, wide-operating temperature range, and noise immunity of
CMOS technology coupled with the high performance and extensive on-chip peripheral functions make the
TMS370Cx32 devices attractive for system designs for automotive electronics, industrial motors, computer
peripheral controls, telecommunications, and consumer applications.
All TMS370Cx32 devices contain the following on-chip peripheral modules:
D Programmable acquisition and control timer (PACT)
–
Asynchronous mini SCI
–
PACT watchdog timer
D Eight channel, 8-bit analog-to-digital converter 1 (ADC1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com