Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments TMS370 Datasheet HTML 18Page - Texas Instruments TMS370 Datasheet HTML 19Page - Texas Instruments TMS370 Datasheet HTML 20Page - Texas Instruments TMS370 Datasheet HTML 21Page - Texas Instruments TMS370 Datasheet HTML 22Page - Texas Instruments TMS370 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
19
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
programmable acquisition and control timer (PACT) module (continued)
The PACT module features include the following:
D Input-capture functions on up to six input pins (CP1 to CP6), depending on the mode selected:
–
Mode A: CP1–2 are dedicated capture, CP3–6 are circular-buffer capture, and CP6 is an event pin.
–
Mode B: CP1–4 are dedicated capture, CP5–6 are circular-buffer capture, and CP6 is an event pin.
D Multiple timer-driven outputs on eight pins (OP1 to OP8)
–
Standard compare command: sets or clears an output pin whenever the timer/counter is equal to a
certain value
–
Virtual timers: Enable variations of the PWM’s period and provides periodic interrupts to the processor.
–
Double event-compare command: Comparisons of the 8-bit event counter with two event-compare
values and the actions that can be performed are based on each value.
–
Event-compare 1 matching the event counter: sets or resets the selected output pin (OP1–OP8),
generates interrupt, and generates a 32-bit capture into the circular buffer.
–
Event-compare 2 matching the event counter: sets or resets the selected output pin (OP1–OP8),
generates interrupt, generates a 32-bit capture into the circular buffer, and resets the 20-bit default
timer.
–
Offset timer definition-time from last event:
–
Generates an interrupt when the maximum event count is reached
–
Stores the 16-bit virtual timer in the circular buffer on each event
–
Stores the 20-bit default timer and 8-bit event counter in the circular buffer when the maximum
event count is reached
–
Resets the 20-bit hardware default timer when the maximum event count is reached
–
Conditional-compare command has a timer-compare value and an event-compare value.
–
Generates an interrupt when the event-compare value equals the event counter and the
timer-compare value equals the last defined timer
–
Sets or clears one of the seven output pins (OP1–OP7) when the event compare value equals the
event counter and the timer-compare value equals the last defined timer
–
Baud rate timer definition: runs the mini-serial communications port built into the PACT module.
D Configurable timer overflow rates
D One 8-bit event counter driven by CP6
D Up to 20-bit timer capability
D Interaction between event counter and timer activity
D Register-based organization allowing direct access to timer parameters by the CPU
D 18 independent interrupt vectors with two priority levels
D Integrated, configurable watchdog with selectable time-out period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com