Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 1 Page - Texas Instruments

  TMS370 Datasheet HTML 1Page - Texas Instruments TMS370 Datasheet HTML 2Page - Texas Instruments TMS370 Datasheet HTML 3Page - Texas Instruments TMS370 Datasheet HTML 4Page - Texas Instruments TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D CMOS/EEPROM/EPROM Technologies on
a Single Device
– Mask-ROM Devices for High-Volume
Production
– One-Time-Programmable (OTP) EPROM
Devices for Low-Volume Production
– Reprogrammable-EPROM Devices for
Prototyping Purposes
D Internal System Memory Configurations
– On-Chip Program Memory Versions
– ROM: 8K Bytes
– EPROM: 8K Bytes
– Data EEPROM: 256 Bytes
– Static RAM: 256 Bytes Usable as
Registers
D Flexible Operating Features
– Low-Power Modes: STANDBY and HALT
– Commercial, Industrial, and Automotive
Temperature Ranges
– Clock Options
– Divide-by-1 (2 MHz – 5 MHz SYSCLK)
Phase-Locked Loop (PLL)
– Divide-by-4 (0.5 MHz – 5 MHz SYSCLK)
– Supply Voltage (VCC) 5 V ±10%
D Programmable Acquisition and Control
Timer (PACT) Module
– Input Capture on up to Six Pins, Four of
Which Can Have a Programmable
Prescaler
– One Input Capture Pin Can Drive an 8-Bit
Event Counter
– Up to Eight Timer-Driven Outputs
– Interaction Between Event Counter and
Timer Activity
– 18 Independent Interrupt Vectors
– Watchdog With Selectable Time-Out
Period
– Asynchronous Mini Serial
Communication Interface (Mini SCI)
D Flexible Interrupt Handling
– Two Software-Programmable Interrupt
Levels
– Global- and Individual-Interrupt Masking
– Programmable Rising- or Falling-Edge
Detect
– Individual-Interrupt Vectors
D Eight-Channel 8-Bit Analog-to-Digital
Converter 1 (ADC1)
D TMS370 Series Compatibility
– Register-to-Register Architecture
– 256 General-Purpose Registers
– 14 Powerful Addressing Modes
– Instructions Upwardly Compatible With
All TMS370 Devices
D CMOS/TTL Compatible I/O Pins/Packages
– All Peripheral Function Pins Software
Configurable for Digital I / O
– 14 Bidirectional Pins, Nine Input Pins
– 44-Pin Plastic and Ceramic Leaded Chip
Carrier (LCC) Packages
D Workstation/PC-Based Development
System
– C Compiler and C Source Debugger
– Real-Time In-Circuit Emulation
– Multi-Window User Interface
– Microcontroller Programmer
– Extensive breakpoint/Trace Capability
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MC
XTAL2/CLKIN
XTAL1
CP2
SCIRXD
CP6
AN7
AN6
AN5
AN4
VSS3
39
38
37
36
35
34
33
32
31
30
29
18 19
7
8
9
10
11
12
13
14
15
16
17
INT1
INT2
INT3
VCC1
VCC3
A7
A6
VSS1
A5
A4
A3
20 21 22 23
FZ AND FN PACKAGES
(TOP VIEW)
5
4 321
644
42 41 40
43
24 25 26 27 28


Similar Part No. - TMS370

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370 TI-TMS370 Datasheet
31Kb / 1P
RADIO FREQUENCY I DENTIFICATION SYSTEMS
TMS370 TI-TMS370 Datasheet
715Kb / 49P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
732Kb / 50P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
868Kb / 60P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
713Kb / 48P
8-BIT MICROCONTROLLER
More results

Similar Description - TMS370

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com