Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 33Page - Texas Instruments TMS370 Datasheet HTML 34Page - Texas Instruments TMS370 Datasheet HTML 35Page - Texas Instruments TMS370 Datasheet HTML 36Page - Texas Instruments TMS370 Datasheet HTML 37Page - Texas Instruments TMS370 Datasheet HTML 38Page - Texas Instruments TMS370 Datasheet HTML 39Page - Texas Instruments TMS370 Datasheet HTML 40Page - Texas Instruments TMS370 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
external clocking requirements for clock divided by 4 (see Note 8 and Figure 14)
NO.
PARAMETER
MIN
MAX
UNIT
1
tw(Cl)
Pulse duration, XTAL2/CLKIN (see Note 9)
20
ns
2
tr(Cl)
Rise time, XTAL2/CLKIN
30
ns
3
tf(CI)
Fall time, XTAL2/CLKIN
30
ns
4
td(CIH-SCL)
Delay time, XTAL2/CLKIN rise to SYSCLK fall
100
ns
CLKIN
Crystal operating frequency
2
20
MHz
SYSCLK
Internal system clock operating frequency†
0.5
5
MHz
† SYSCLK = CLKIN/4
NOTES:
8. For VIL and VIH, refer to recommended operating conditions.
9. This pulse may be either a high pulse, as illustrated below, which extends from the earliest valid high to the final valid high in an
XTAL2/CLKIN cycle or a low pulse, which extends from the earliest valid low to the final valid low in an XTAL2/CLKIN cycle.
XTAL2/CLKIN
3
2
1
4
SYSCLK
Figure 14. External Clock Timing for Divide-by-4
external clocking requirements for clock divided by 1 (PLL) (see Note 8 and Figure 15)
NO.
PARAMETER
MIN
MAX
UNIT
1
tw(Cl)
Pulse duration, XTAL2/CLKIN (see Note 9)
20
ns
2
tr(Cl)
Rise time, XTAL2/CLKIN
30
ns
3
tf(CI)
Fall time, XTAL2/CLKIN
30
ns
4
td(CIH-SCH)
Delay time, XTAL2/CLKIN rise to SYSCLK rise
100
ns
CLKIN
Crystal operating frequency
2
5
MHz
SYSCLK
Internal system clock operating frequency‡
2
5
MHz
‡ SYSCLK = CLKIN/1
NOTES:
8. For VIL and VIH, refer to recommended operating conditions.
9. This pulse can be either a high pulse, as illustrated below, which extends from the earliest valid high to the final valid high in an
XTAL2/CLKIN cycle or a low pulse, which extends from the earliest valid low to the final valid low in an XTAL2/CLKIN cycle.
4
3
2
1
XTAL2/CLKIN
SYSCLK
Figure 15. External Clock Timing for Divide-by-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com