Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments TMS370 Datasheet HTML 13Page - Texas Instruments TMS370 Datasheet HTML 14Page - Texas Instruments TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments TMS370 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
interrupts (continued)
Table 7. Hardware System Interrupts
INTERRUPT
SOURCE
INTERRUPT
FLAG
OSC FLT FLG
SYSTEM
INTERRUPT
VECTOR
ADDRESS
MODULE
PRIORITY†
PRIORITY
IN
GROUP
RESET
External RESET
Watchdog Overflow
Oscillator Fault
COLD START
(No Flag)
OSC FLT FLAG
RESET‡
7FFEh, 7FFFh
1
1
INT1
External Interrupt 1
INT1 FLAG
INT1‡
7FFCh, 7FFDh
2
1
INT2
External Interrupt 2
INT2 FLAG
INT2‡
7FFAh, 7FFBh
3
1
INT3
External Interrupt 3
INT3 FLAG
INT3‡
7FF8h, 7FF9h
4
1
PACT Circular Buffer
Buffer Half/Full
Interrupt Flag
BUFINT
7FB0h, 7FB1h
1
PACT CP6 Event
CP6 INT FLAG
CP6INT
7FB2h, 7FB3h
2
PACT CP5 Event
CP5 INT FLAG
CP5INT
7FB4h, 7FB5h
3
PACT (Group 1)
PACT CP4 Event
CP4 INT FLAG
CP4INT
7FB6h, 7FB7h
5
4
PACT (Group 1)
PACT CP3 Event
CP3 INT FLAG
CP3INT
7FB8h, 7FB9h
5
5
PACT CP2 Event
CP2 INT FLAG
CP2INT
7FBAh, 7FBBh
6
PACT CP1 Event
CP1 INT FLAG
CP1INT
7FBCh, 7FBDh
7
Default Timer
Overflow
DEFTIM OVRFL INT
FLAG
POVRL
INT
7FBEh, 7FBFh
8
PACT (Group 2)
PACT SCI Rx Int
PACT RX RDY
PRXINT
7F9Eh, 7F9Fh
6
1
PACT (Group 2)
PACT SCI Tx Int
PACT TX RDY
PTXINT
7F9Ch, 7F9Dh
6
2
PACT Cmd/Def Entry 0
CMD/DEF INT 0 FLAG
CDINT 0
7FA0h, 7FA1h
1
PACT Cmd/Def Entry 1
CMD/DEF INT 1 FLAG
CDINT 1
7FA2h, 7FA3h
2
PACT Cmd/Def Entry 2
CMD/DEF INT 2 FLAG
CDINT 2
7FA4h, 7FA5h
3
PACT (Group 3)
PACT Cmd/Def Entry 3
CMD/DEF INT 3 FLAG
CDINT 3
7FA6h, 7FA7h
7
4
PACT (Group 3)
PACT Cmd/Def Entry 4
CMD/DEF INT 4 FLAG
CDINT 4
7FA8h, 7FA9h
7
5
PACT Cmd/Def Entry 5
CMD/DEF INT 5 FLAG
CDINT 5
7FAAh, 7FABh
6
PACT Cmd/Def Entry 6
CMD/DEF INT 6 FLAG
CDINT 6
7FACh, 7FADh
7
PACT Cmd/Def Entry 7
CMD/DEF INT 7 FLAG
CDINT 7
7FAEh, 7FAFh
8
ADC1
ADC1 Conversion Complete
AD INT FLAG
ADINT
7FECh, 7FEDh
8
1
† Relative priority within an interrupt level
‡ Release microcontroller from STANDBY and HALT low-power modes
privileged operation and EEPROM write protection override
The TMS370Cx32 family is designed with significant flexibility to enable the designer to software-configure the
system and peripherals to meet the requirements of a variety of applications. The nonprivileged mode of
operation ensures the integrity of the system configuration, once it is defined for an application. Following a
hardware reset, the TMS370Cx32 operates in the privileged mode, where all peripheral file registers have
unrestricted read / write access, and the application program configures the system during the initialization
sequence following reset. As the last step of system initialization, the PRIVILEGE DISABLE bit (SCCR2.0) is
set to 1 to enter the nonprivileged mode, disabling write operations to specific configuration-control bits within
the PF. Table 8 displays the system-configuration bits which are write-protected during the nonprivileged mode
and must be configured by software prior to exiting the privileged mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com