Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 44Page - Texas Instruments TMS370 Datasheet HTML 45Page - Texas Instruments TMS370 Datasheet HTML 46Page - Texas Instruments TMS370 Datasheet HTML 47Page - Texas Instruments TMS370 Datasheet HTML 48Page - Texas Instruments TMS370 Datasheet HTML 49Page - Texas Instruments TMS370 Datasheet HTML 50Page - Texas Instruments TMS370 Datasheet HTML 51Page - Texas Instruments TMS370 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
TMS370Cx2x
8-BIT MICROCONTROLLER
SPNS018C – FEBRUARY 1993 – REVISED FEBRUARY 1997
48
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics and timing requirements (see Note 12 and Figure 22)
NO.
PARAMETER
MIN
MAX
UNIT
5
t
Cycle time SYSCLK (system clock)
Divide-by-4
200
2000
ns
5
tc
Cycle time, SYSCLK (system clock)
Divide-by-1
200
500
ns
6
tw(SCL)
Pulse duration, SYSCLK low
0.5 tc–20
0.5 tc
ns
7
tw(SCH)
Pulse duration, SYSCLK high
0.5 tc
0.5 tc + 20
ns
NOTE 12:
tc = system-clock cycle time = 1 /SYSCLK
SYSCLK
5
6
7
Figure 22. SYSCLK Timing
general purpose output signal switching time requirements (see Figure 23)
MIN
NOM
MAX
UNIT
tr
Rise time
30
ns
tf
Fall time
30
ns
tf
tr
Figure 23. Signal Switching Timing
recommended EEPROM timing requirements for programming
MIN
NOM
MAX
UNIT
tw(PGM)B
Pulse duration, programming signal to ensure valid data is stored (byte mode)
10
ms
tw(PGM)AR
Pulse duration, programming signal to ensure valid data is stored (array mode)
20
ms
recommended EPROM operating conditions for programming
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5.5
6
V
VPP
Supply voltage at MC pin
13
13.2
13.5
V
IPP
Supply current at MC pin during programming (VPP = 13 V)
30
50
mA
SYSCLK
System clock
Divide-by-4
0.5
5
MHz
SYSCLK
System clock
Divide-by-1
2
5
MHz
recommended EPROM timing requirements for programming
MIN
NOM
MAX
UNIT
tw(EPGM)
Pulse duration, programming signal (see Note 13)
0.40
0.50
3
ms
NOTE 13: Programming pulse is active when both EXE (EPCTL.0) and VPPS (EPCTL.6) are set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com