Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 48Page - Texas Instruments TMS370 Datasheet HTML 49Page - Texas Instruments TMS370 Datasheet HTML 50Page - Texas Instruments TMS370 Datasheet HTML 51Page - Texas Instruments TMS370 Datasheet HTML 52Page - Texas Instruments TMS370 Datasheet HTML 53Page - Texas Instruments TMS370 Datasheet HTML 54Page - Texas Instruments TMS370 Datasheet HTML 55Page - Texas Instruments TMS370 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
TMS370Cx2x
8-BIT MICROCONTROLLER
SPNS018C – FEBRUARY 1993 – REVISED FEBRUARY 1997
52
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SCI1 isosynchronous† mode timing characteristics and requirements for external clock
(see Note 12 and Figure 27)
NO.
MIN
MAX
UNIT
31
tc(SCC)
Cycle time, SCICLK
10tc
ns
32
tw(SCCL)
Pulse duration, SCICLK low
4.25tc + 120
ns
33
tw(SCCH)
Pulse duration, SCICLK high
tc + 120
ns
34
td(SCCL-TXDV)
Delay time, SCITXD valid after SCICLK low
4.25tc + 145
ns
35
tv(SCCH-TXD)
Valid time, SCITXD data valid after SCICLK high
tw(SCCH)
ns
36
tsu(RXD-SCCH)
Setup time, SCIRXD to SCICLK high
40
ns
37
tv(SCCH-RXD)
Valid time, SCIRXD data after SCICLK high
2tc
ns
NOTE 12: tc = system-clock cycle time = 1 / SYSCLK
SCIRXD
SCITXD
SCICLK
36
35
31
33
32
Data Valid
Data Valid
34
37
Figure 27. SCI1 Isosynchronous† Timing for External Clock
† Isosynchronous = Isochronous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com