Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 23Page - Texas Instruments TMS370 Datasheet HTML 24Page - Texas Instruments TMS370 Datasheet HTML 25Page - Texas Instruments TMS370 Datasheet HTML 26Page - Texas Instruments TMS370 Datasheet HTML 27Page - Texas Instruments TMS370 Datasheet HTML 28Page - Texas Instruments TMS370 Datasheet HTML 29Page - Texas Instruments TMS370 Datasheet HTML 30Page - Texas Instruments TMS370 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
TMS370Cx2x
8-BIT MICROCONTROLLER
SPNS018C – FEBRUARY 1993 – REVISED FEBRUARY 1997
27
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
programmable timer 1 (continued)
D Simple counter configuration (see Figure 10) for mask-ROM devices only
–
Simple counter can be configured as an event counter, pulse accumulator, or internal timer.
16-Bit
Watchdog Counter
Reset
Prescaler
Clock
Watchdog Reset Key
WD OVRFL
TAP SEL
T1CTL1.7
WDRST.7-0
WDCNTR.15-0
T1CTL2.5
WD OVFL
INT FLAG
WD OVRFL
INT ENA
Interrupt
T1CTL2.6
Figure 10. Simple Counter
serial peripheral interface
The SPI is a high-speed synchronous serial I/O port that allows a serial bit stream of programmed length
(1 to 8 bits) to be shifted into and out of the device at a programmable bit transfer rate. The SPI normally is used
for communications between the microcontroller and external peripherals or another microcontroller. Typical
applications include external I/O or peripheral expansion by way of devices such as shift registers, display
drivers, and A/D converters. Multi-device communications are supported by the master/slave operation of the
SPI. The SPI module features include the following:
D Three external pins
–
SPISOMI: SPI slave output/master input pin or general-purpose bidirectional I/O pin
–
SPISIMO: SPI slave input/master output pin or general-purpose bidirectional I/O pin
–
SPICLK: SPI serial clock pin or general-purpose bidirectional I/O pin
D Two operational modes: Master and slave
D Eight programmable baud rates
–
Maximum baud rate in master mode: 2.5M bps at 5 MHz SYSCLK
SPI BAUD RATE
+ SYSCLK
2
2b
where b=bit rate in SPICCR.5-3 (range 0–7)
–
Maximum baud rate in slave mode: 625K bps at 5 MHz SYSCLK
SPI BAUD RATE < SYSCLK / 8
D Data word format: one to eight data bits
D Simultaneous receiver and transmitter operations (transmit function can be disabled in software)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com