Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 45Page - Texas Instruments TMS370 Datasheet HTML 46Page - Texas Instruments TMS370 Datasheet HTML 47Page - Texas Instruments TMS370 Datasheet HTML 48Page - Texas Instruments TMS370 Datasheet HTML 49Page - Texas Instruments TMS370 Datasheet HTML 50Page - Texas Instruments TMS370 Datasheet HTML 51Page - Texas Instruments TMS370 Datasheet HTML 52Page - Texas Instruments TMS370 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
TMS370Cx2x
8-BIT MICROCONTROLLER
SPNS018C – FEBRUARY 1993 – REVISED FEBRUARY 1997
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SPI master mode external timing characteristics and requirements (see Note 12 and Figure 24)
NO.
MIN
MAX
UNIT
38
tc(SPC)M
Cycle time, SPICLK
2tc
256tc
ns
39
tw(SPCL)M
Pulse duration, SPICLK low
tc – 45
0.5tc(SPC)+45
ns
40
tw(SPCH)M
Pulse duration, SPICLK high
tc – 55
0.5tc(SPC)+45
ns
41
td(SPCL-SIMOV)M Delay time, SPISIMO valid after SPICLK low (polarity = 1)
– 65
50
ns
42
tv(SPCH-SIMO)M
Valid time, SPISIMO data valid after SPICLK high (polarity =1)
tw(SPCH) – 50
ns
43
tsu(SOMI-SPCH)M Setup time, SPISOMI to SPICLK high (polarity = 1)
0.25 tc + 150
ns
44
tv(SPCH-SOMI)M
Valid time, SPISOMI data valid after SPICLK high
(polarity = 1)
0
ns
NOTE 12
: tc = system-clock cycle time = 1 /SYSCLK
Data Valid
Data Valid
SPISOMI
SPISIMO
SPICLK
44
43
42
41
38
40
39
NOTE A: The diagram is for polarity = 1. SPICLK is inverted when polarity = 0.
Figure 24. SPI Master External Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com