Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 25Page - Texas Instruments TMS370 Datasheet HTML 26Page - Texas Instruments TMS370 Datasheet HTML 27Page - Texas Instruments TMS370 Datasheet HTML 28Page - Texas Instruments TMS370 Datasheet HTML 29Page - Texas Instruments TMS370 Datasheet HTML 30Page - Texas Instruments TMS370 Datasheet HTML 31Page - Texas Instruments TMS370 Datasheet HTML 32Page - Texas Instruments TMS370 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
TMS370Cx2x
8-BIT MICROCONTROLLER
SPNS018C – FEBRUARY 1993 – REVISED FEBRUARY 1997
29
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial peripheral interface (continued)
The SPI block diagram is listed in Figure 11.
SPIBUF Buffer
Register
SPIDAT
Data Register
SPIBUF.7-0
State Control
SPI CHAR
SPI BIT RATE
CLOCK POLARITY
SPI INT FLAG
SPICTL.6
SPIINT ENA
SPICTL.0
RECEIVER
OVERRUN
8
SPIDAT.7-0
SPICTL.1
TALK
20
1
3
4
5
SPICCR.2-0
SPICCR.5-3
System
Clock
SPICCR.6
SPICLK
MASTER/SLAVE†
SPICTL.7
Level 2 INT
SPIPRI.6
1
SPIPC2.7-4
SPISIMO
SPICTL.2
SPIPC1.3-0
SPISOMI
SPIPC2.3-0
Level 1 INT
0
† The diagram shows slave mode.
Figure 11. SPI Block Diagram
serial communications interface 1 (SCI1)
The TMS370x2x devices include a serial communications interface 1 (SCI1) module. The SCI1 module
supports digital communications between the TMS370 devices and other asynchronous peripherals, and uses
the standard non-return-to-zero (NRZ) format. The SCI1’s receiver and transmitter are double buffered, and
each has separate enable and interrupt bits. Both can operate independently or simultaneously in the full-duplex
mode. To ensure data integrity, the SCI1 checks received data for break detection, parity, overrun, and framing
errors. The bit rate (baud) is programmable to over 65,000 speeds through a 16-bit baud-select register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com