Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 5 Page - Texas Instruments

  TMS370 Datasheet HTML 1Page - Texas Instruments TMS370 Datasheet HTML 2Page - Texas Instruments TMS370 Datasheet HTML 3Page - Texas Instruments TMS370 Datasheet HTML 4Page - Texas Instruments TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
TMS370Cx2x
8-BIT MICROCONTROLLER
SPNS018C – FEBRUARY 1993 – REVISED FEBRUARY 1997
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
description (continued)
Table 2. Suffix Letter Configuration
DEVICE†
WATCHDOG TIMER
CLOCK
LOW-POWER MODE
EPROM without A
Standard
Divide-by-4 (Standard oscillator)
Enabled
Standard
ROM A
Hard
Divide-by-4 or Divide-by-1 (PLL)
Enabled or disabled
Simple
† Refer to the “device numbering conventions” section for device nomenclature and the “device part numbers” section for ordering.
The 4K bytes and 8K bytes of mask-programmable ROM in the TMS370C020, TMS370C022, TMS370C320,
and TMS370C322 are replaced in the TMS370C722 and SE370C722 with 8K bytes of EPROM. All other
available memory and on-chip peripherals are identical, except there are no data EEPROMs on the
TMS370C320 and TMS370C322 devices. OTP (TMS370C722) devices and the reprogrammable device
(SE370C722) are available.
TMS370C722 (OTP) devices are in plastic packages. This microcontroller is effective to use for immediate
production updates for other members of the TMS370Cx2x family or for low-volume production runs when the
mask charge or cycle time for the low-cost mask ROM devices is not practical.
The SE370C722 has a windowed ceramic package to allow reprogramming of the program EPROM memory
during the prototyping phase of design. These SE370C722 devices allow quick updates to breadboards and
prototype systems while creating multiple initial designs.
The TMS370Cx2x family provides two low-power modes (STANDBY and HALT) for applications where low
power consumption is critical. Both modes stop all central processing unit (CPU) activity (that is, no instructions
are executed). In the STANDBY mode, the internal oscillator, the general-purpose timer, and the SCI receiver
start-bit detection remain active. In the HALT mode, all device activity is stopped. The device retains all RAM
data and peripheral configuration bits throughout both low-power modes.
The TMS370Cx2x features advanced register-to-register architecture that allows arithmetic and logical
operations without requiring an accumulator (e.g., ADD R24, R47; add the contents of register 24 to the contents
of register 47 and store the result in register 47). The TMS370Cx2x family is fully instruction-set-compatible,
providing easy transition between members of the TMS370 8-bit microcontroller family.
The SPI provides a convenient method of serial interaction for high speed communications between simpler
shift-register type devices, such as display drivers, analog-to-digital (A/D) converter, PLL, I/O expansion, or
other microcontrollers in the system.
The TMS370Cx2x devices have two operational modes of serial communications provided by the SCI1 module.
The SCI1 allows standard RS-232-C communications with other common data transmission equipment.
The TMS370Cx2x family provides the system designer with an economical, efficient solution to real-time control
applications. The TMS370 family extended development system (XDS
™) and compact development tool
(CDT
™) meet the challenge of efficiently developing the software and hardware required to design the
TMS370Cx2x into complex applications. The application source code can be written in assembly and C
language, and the output code can be generated by the linker. The TMS370 family XDS development tool
communicates through a standard RS-232-C interface with a personal computer. This allows the use of the
personal computer editors and software utilities already familiar to the designer. The TMS370 family XDS
emphasizes ease-of-use through extensive menus and screen windowing so that a system designer can begin
developing software with minimal training. Precise real-time in-circuit emulation and extensive symbolic debug
and analysis tools ensure efficient software and hardware implementation as well as a reduced time-to-market
cycle.
XDS and CDT are trademarks of Texas Instruments Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com