Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments TMS370 Datasheet HTML 18Page - Texas Instruments TMS370 Datasheet HTML 19Page - Texas Instruments TMS370 Datasheet HTML 20Page - Texas Instruments TMS370 Datasheet HTML 21Page - Texas Instruments TMS370 Datasheet HTML 22Page - Texas Instruments TMS370 Datasheet HTML 23Page - Texas Instruments TMS370 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
TMS370Cx2x
8-BIT MICROCONTROLLER
SPNS018C – FEBRUARY 1993 – REVISED FEBRUARY 1997
20
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
programmable timer 1
The programmable timer module of the TMS370Cx2x provides the enhanced timer resources required to
perform real-time system control. The Timer 1 module contains the general-purpose timer T1 and the watchdog
(WD) timer. The two independent 16-bit timers (T1 and WD) allow program selection of input clock sources
(real-time, external event, or pulse-accumulate) with multiple 16-bit registers (input-capture and compare) for
special timer function control. The timer 1 module includes three external device pins that can be used for
multiple counter functions (operation-mode dependent), or used as general-purpose I/O pins. The T1 module
is shown in Figure 5.
T1PWM
T1EVT
T1IC/CR
16
Interrupt
Logic
Interrupt
Logic
16-Bit Watchdog
Counter (Aux. Timer)
8-Bit
Prescaler
16-Bit
Compare Register
16-Bit
Capt/Comp Register
PWM
Toggle
MUX
MUX
Edge
Select
16-Bit Counter
Figure 5. Timer 1 Block Diagram
D Three T1 I/O pins
–
T1IC/CR: T1 input capture / counter-reset input pin, or general-purpose bidirectional I/O pin
–
T1PWM: T1 pulse-width-modulation (PWM) output pin, or general-purpose bidirectional I/O pin
–
T1EVT: T1 event input pin, or general-purpose bidirectional I/O pin
D Two operational modes:
–
Dual-compare mode: Provides PWM signal
–
Capture/compare mode: Provides input capture pin
D One 16-bit general-purpose resettable counter
D One 16-bit compare register with associated compare logic
D One 16-bit capture/compare register, which, depending on the mode of operation, operates as either
capture or compare register
D One 16-bit WD counter can be used as an event counter, a pulse accumulator, or an interval timer if WD
feature is not needed.
D Prescaler/clock sources that determine one of eight clock sources for general-purpose timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com