Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 13Page - Texas Instruments TMS370 Datasheet HTML 14Page - Texas Instruments TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments TMS370 Datasheet HTML 18Page - Texas Instruments TMS370 Datasheet HTML 19Page - Texas Instruments TMS370 Datasheet HTML 20Page - Texas Instruments TMS370 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
TMS370Cx2x
8-BIT MICROCONTROLLER
SPNS018C – FEBRUARY 1993 – REVISED FEBRUARY 1997
17
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
low-power operating modes (continued)
Table 10. Low-Power/Idle Control Bits
POWER-DOWN CONTROL BITS
PWRDWN/IDLE
(SCCR2.6)
HALT/STANDBY
(SCCR2.7)
MODE SELECTED
1
0
STANDBY
1
1
HALT
0
X†
IDLE
† Don’t care
When low-power modes are disabled through a programmable contact, writing to the SCCR2.6-7 bits is ignored.
In addition, if an IDLE instruction is executed when low-power modes are disabled, the device always enters
the IDLE mode.
To provide a method for always exiting low-power modes for mask-ROM devices, INT1 is enabled automatically
as a nonmaskable interrupt (NMI) during low-power modes when the hard watchdog mode is selected. This
means that the NMI always is generated, regardless of the interrupt enable flags.
The following information is preserved throughout both the STANDBY and HALT modes: RAM (register file),
CPU registers (SP, PC, and ST), I / O pin direction and output data, and status registers of all on-chip peripheral
functions. Since all CPU instruction processing is stopped during the STANDBY and HALT modes, the clocking
of the WD timer is inhibited.
clock modules
The ’x2x family provides two clock options that are referred to as divide-by-1 (phase-locked loop) and
divide-by-4 (standard oscillator). Both the divide-by-1 and divide-by-4 options are configurable during the
manufacturing process of a TMS370 MCU. The ’x2x masked ROM devices offer both options to meet system
engineering requirements. Only one of the two clock options is allowed on each ROM device.
The divide-by-1 clock module option provides reduced electromagnetic interference (EMI) with no added cost.
The divide-by-1 provides a one-to-one match of the external resonator frequency (CLKIN) to the internal system
clock (SYSCLK) frequency, whereas the divide-by-4 produces a SYSCLK which is one-fourth the frequency of
the external resonator. Inside of the divide-by-1 module, the frequency of the external resonator is multiplied
by four, and the clock module then divides the resulting signal by four to provide the four-phased internal system
clock signals. The resulting SYSCLK is equal to the resonator frequency. These are formulated as follows:
Divide-by-4 option : SYSCLK
+
external resonator frequency
4
+ CLKIN
4
Divide-by-1 option : SYSCLK
+
external resonator frequency
4
4
+ CLKIN
The main advantage of a divide-by-1 oscillator is the improved EMI performance. The harmonics of low-speed
resonators extend through fewer of the emissions spectrum than the harmonics of faster resonators. The
divide-by-1 reduces the resonator speed by four, and this results in a steeper decay of emissions produced by
the oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com