Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments TMS370 Datasheet HTML 13Page - Texas Instruments TMS370 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
TMS370Cx7x
8-BIT MICROCONTROLLER
SPNS034C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory map (continued)
Interrupts and Reset
Vectors; Trap Vectors
Peripheral File Control Registers
1000h–100Fh
Reserved†
1F00h
24K-Byte ROM
(2000h–7FFFh)
256-Byte Data EEPROM
(1F00h–1FFFh)
Peripheral File
512-Byte RAM
(0000h–01FFh)
0000h
10C0h
1100h
2000h
7FC0h
8000h
FFFFh
Reserved†
0200h
1000h
Reserved†
1010h–101Fh
System Control
1020h–102Fh
Digital Port Control
1030h–103Fh
Reserved†
Not Available‡
1040h–104Fh
Timer 1 Peripheral Contr.
1050h–105Fh
Reserved†
1060h–106Fh
Timer 2A Peripheral Contr.
1070h–107Fh
ADC1 Peripheral Contr.
1080h–10BFh
Reserved†
Vectors
7FC0h–7FDFh
Trap 15 – 0
7FE0h–7FEBh
Reserved†
7FECh–7FEDh
ADC1
7FEEh–7FEFh
Timer 2A
7FF0h–7FF1h
Reserved†
7FF2h–7FF3h
Reserved†
7FF4h–7FF5h
Timer 1
7FF6h–7FF7h
Reserved†
7FF8h–7FF9h
Interrupt 3
7FFAh–7FFBh
Interrupt 2
7FFCh–7FFDh
Interrupt 1
7FFEh–7FFFh
Reset
Reserved†
† Reserved = the address space is reserved for future expansion.
‡ Not available = address space is unavailable in the mode illustrated.
Figure 3. TMS370Cx7x Memory Map
RAM / register file (RF)
Locations within RAM address space can serve as either register file or general-purpose read/write memory,
program memory, or stack instructions. The TMS370Cx7x device contains 512 bytes of internal RAM mapped
beginning at location 0000h and continuing through location 01FFh which is shown in Figure 3. The first
256 bytes of RAM (0000h – 00FFh) are the register files, R0 through R255.
The first two registers, R0 and R1, are also called registers A and B, respectively. Some instructions implicitly
use register A or B; for example, the instruction LDSP (load SP) assumes that the value to be loaded into the
stack pointer is contained in register B. Registers A and B are the only registers cleared on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com