Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 29Page - Texas Instruments TMS370 Datasheet HTML 30Page - Texas Instruments TMS370 Datasheet HTML 31Page - Texas Instruments TMS370 Datasheet HTML 32Page - Texas Instruments TMS370 Datasheet HTML 33Page - Texas Instruments TMS370 Datasheet HTML 34Page - Texas Instruments TMS370 Datasheet HTML 35Page - Texas Instruments TMS370 Datasheet HTML 36Page - Texas Instruments TMS370 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
TMS370Cx7x
8-BIT MICROCONTROLLER
SPNS034C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
analog-to-digital converter 1 (ADC1) module
The analog-to-digital converter 1 (ADC1) module is an 8-bit, successive approximation converter with internal
sample-and-hold circuitry. The module has eight multiplexed analog input channels that allow the processor to
convert the voltage levels from up to eight different sources. The ADC1 module features include the following:
D Minimum conversion time: 32.8 µs at 5-MHz SYSCLK
D Ten external pins:
–
Eight analog input channels (AN0 – AN7), any of which can be software configured as digital inputs
(E0 – E7) if not needed as analog channels. AN1 – AN7 also can be configured as positive input voltage
reference.
–VCC3: ADC1 module high-voltage reference input
–VSS3: ADC1 module low-voltage reference input
D The ADDATA register which contains the digital result of the last ADC1 conversion
D ADC1 operations can be accomplished through either interrupt driven or polled algorithms
D Six ADC1 module control registers are located in the control register frame beginning at address 1070h.
The ADC1 module control registers are listed in Table 16.
Table 16. ADC1 Module Control Register Memory Map
PF
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
P070
CONVERT
START
SAMPLE
START
REF VOLT
SELECT2
REF VOLT
SELECT1
REF VOLT
SELECT0
AD INPUT
SELECT2
AD INPUT
SELECT1
AD INPUT
SELECT0
ADCTL
P071
—
—
—
—
—
AD READY
AD INT
FLAG
AD INT
ENA
ADSTAT
P072
A / D Conversion Data Register
ADDATA
P073
to
P07C
Reserved
P07D
Port E Data Input Register
ADIN
P07E
Port E Input Enable Register
ADENA
P07F
AD STEST
AD
PRIORITY
AD ESPEN
—
—
—
—
—
ADPRI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com