Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments TMS370 Datasheet HTML 13Page - Texas Instruments TMS370 Datasheet HTML 14Page - Texas Instruments TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
TMS370Cx7x
8-BIT MICROCONTROLLER
SPNS034C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
data EEPROM (continued)
Table 5. Data EEPROM and Program EPROM Control Registers Memory Map
ADDRESS
SYMBOL
NAME†
101Ah (P01A)
DEECTL
Data EEPROM control register
101Bh (P01B)
Reserved
101Ch (P01C)
EPCTLM
Program EPROM control register – middle array
101Dh (P01D)
Reserved
101Eh (P01E)
EPCTLL
Program EPROM control register – low array
†For the 24K-byte EPROM device, the program memory is controlled by P01C and P01E.
program EPROM
The TMS370C777 contains 24K bytes of program EPROM made up of one 16K-byte array and one 8K-byte
array. The 16K-byte array is located at address locations 2000h through 5FFFh, and the 8K-byte array is located
at address locations 6000h through 7FFFh, as shown in Table 6.
Table 6. TMS370C777 EPROM Memory Map
PARAMETER
VALUE
EPROM size
24K Bytes
Memory mapped
16K Bytes at 2000h – 5FFFh
8K Bytes at 6000h – 7FFFh
Control registers
EPCTLL (P01E)
EPCTLM (P01C)
As shown in Table 6 for the two EPROM areas, the 16K-byte array is controlled by register EPCTLL located at
101Eh (P01E), and the 8K-byte array is controlled by register EPCTLM located at 101Ch (P01C).
Reading the program-EPROM modules is identical to reading other internal memory. During programming, the
EPROM is controlled by the program EPROM control registers EPCTLL and EPCTLM. The program EPROM
modules’ features include:
D Programming
–
In-circuit programming capability if VPP is applied to the MC pin
–
Control register: Program EPROM programming is controlled by the program EPROM control registers
EPCTLL and EPCTLM, located at the addresses in PF frame 1 as shown in Table 5.
–
Programming one EPROM module while executing the other
D Write-protection: Writes to the program EPROM are disabled under the following conditions:
–
Reset: All programming to the EPROM module is halted.
–
Low-power modes
–
13 V not applied to MC
program ROM
The program ROM consists of 24K bytes of mask-programmable ROM. The program ROM is used for
permanent storage of data or instructions. Programming of the mask ROM is performed at the time of device
fabrication. Memory addresses 7FE0h – 7FEBh is reserved for Texas Instruments (TI
™). 7FECh to 7FFFh are
reserved for interrupt and reset vectors. Trap vectors, used with TRAP0 through TRAP15 instructions, are
located between addresses 7FC0h and 7FDFh.
TI is a trademark of Texas Instruments Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com