Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments TMS370 Datasheet HTML 18Page - Texas Instruments TMS370 Datasheet HTML 19Page - Texas Instruments TMS370 Datasheet HTML 20Page - Texas Instruments TMS370 Datasheet HTML 21Page - Texas Instruments TMS370 Datasheet HTML 22Page - Texas Instruments TMS370 Datasheet HTML 23Page - Texas Instruments TMS370 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
TMS370Cx7x
8-BIT MICROCONTROLLER
SPNS034C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
20
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
digital port control registers
Peripheral file frame 2 contains the digital I/O pin configuration and control registers. Table 12 lists the specific
addresses, registers, and control bits within this peripheral file frame. Table 13 shows the port-configuration
register setup.
Table 12. Peripheral File Frame 2: Digital Port Control Registers
PF
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
P020
Reserved
APORT1
P021
Port A Control Register 2
APORT2
P022
Port A Data
ADATA
P023
Port A Direction
ADIR
P024
Reserved
BPORT1
P025
Port B Control Register 2
BPORT2
P026
Port B Data
BDATA
P027
Port B Direction
BDIR
P028
Reserved
CPORT1
P029
Port C Control Register 2
CPORT2
P02A
Port C Data
CDATA
P02B
Port C Direction
CDIR
P02C
Port D Control Register 1
DPORT1
P02D
Port D Control Register 2†
DPORT2
P02E
Port D Data
DDATA
P02F
Port D Direction
DDIR
P030
to
P035
Reserved
P036
–
–
Port G Data
GDATA
P037
–
–
Port G Direction
GDIR
† To configure pin D3 as SYSCLK, set port D control register 2 = 08h.
Table 13. Port Configuration Register Setup
PORT
PIN
abcd
abcd
PORT
PIN
00y0
00q1
A
0–7
Data In y
Data Out q
B
0–7
Data In y
Data Out q
C
0–7
Data In y
Data Out q
D
0–7
Data In y
Data Out q
G
0–5
Data In y
Data Out q
a = Port x Control Register 1‡
b = Port x Control Register 2
c = Data
d = Direction
‡ DPORT only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com