Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 26Page - Texas Instruments TMS370 Datasheet HTML 27Page - Texas Instruments TMS370 Datasheet HTML 28Page - Texas Instruments TMS370 Datasheet HTML 29Page - Texas Instruments TMS370 Datasheet HTML 30Page - Texas Instruments TMS370 Datasheet HTML 31Page - Texas Instruments TMS370 Datasheet HTML 32Page - Texas Instruments TMS370 Datasheet HTML 33Page - Texas Instruments TMS370 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
TMS370Cx7x
8-BIT MICROCONTROLLER
SPNS034C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
30
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timer 2A (T2A) module (continued)
D Selectable edge-detection circuitry that, depending on the mode of operation, senses active transitions on
the input capture pins (T2AIC1/CR)
D Interrupts that can be generated on the occurrence of:
–
A compare equal to dedicated-compare register
–
A compare equal to capture-compare register
–
A counter overflow
–
An external edge 1 detection
–
An external edge 2 detection
D Fourteen T2A module control registers located in the PF frame beginning at address P060
The T2A module control registers are listed in Table 15.
Table 15. Timer 2A Module Register Memory Map
PF
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
Modes: Dual-Compare and Dual-Capture
P060
Bit 15
T2A Counter MSbyte
Bit 8
T2ACNTR
P061
Bit 7
T2A Counter LSbyte
Bit 0
T2ACNTR
P062
Bit 15
Compare Register MSbyte
Bit 8
T2AC
P063
Bit 7
Compare Register LSbyte
Bit 0
T2AC
P064
Bit 15
Capture/Compare Register MSbyte
Bit 8
T2ACC
P065
Bit 7
Capture/Compare Register LSbyte
Bit 0
T2ACC
P066
Bit 15
Capture Register 2 MSbyte
Bit 8
T2AIC
P067
Bit 7
Capture Register 2 LSbyte
Bit 0
T2AIC
P06A
—
—
—
T2A
OVRFL INT
ENA
T2A
OVRFL INT
FLAG
T2A
INPUT
SELECT1
T2A INPUT
SELECT0
T2A SW
RESET
T2ACTL1
Mode: Dual-Compare
P06B
T2AEDGE1
INT FLAG
T2AC2
INT FLAG
T2AC1
INT FLAG
—
—
T2AEDGE1
INT ENA
T2AC2
INT ENA
T2AC1
INT ENA
T2ACTL2
P06C
T2A
MODE = 0
T2AC1
OUT ENA
T2AC2
OUT ENA
T2AC1
RST ENA
T2AEDGE1
OUT ENA
T2AEDGE1
POLARITY
T2AEDGE1
RST ENA
T2AEDGE1
DET ENA
T2ACTL3
Mode: Dual-Capture
P06B
T2AEDGE1
INT FLAG
T2AEDGE2
INT FLAG
T2AC1
INT FLAG
—
—
T2AEDGE1
INT ENA
T2AEDGE2
INT ENA
T2AC1
INT ENA
T2ACTL2
P06C
T2A
MODE = 1
—
—
T2AC1
RST ENA
T2AEDGE2
POLARITY
T2AEDGE1
POLARITY
T2AEDGE2
DET ENA
T2AEDGE1
DET ENA
T2ACTL3
Modes: Dual-Compare and Dual-Capture
P06D
—
—
—
—
T2AEVT
DATA IN
T2AEVT
DATA OUT
T2AEVT
FUNCTION
T2AEVT
DATA DIR
T2APC1
P06E
T2AIC2 / PWM
DATA IN
T2AIC2 / PWM
DATA OUT
T2AIC2 / PWM
FUNCTION
T2AIC2 / PWM
DATA DIR
T2AIC1/CR
DATA IN
T2AIC1/CR
DATA OUT
T2AIC1/CR
FUNCTION
T2AIC/CR
DATA DIR
T2APC2
P06F
T2A STEST
T2A
PRIORITY
—
—
—
—
—
—
T2APRI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com