Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 25Page - Texas Instruments TMS370 Datasheet HTML 26Page - Texas Instruments TMS370 Datasheet HTML 27Page - Texas Instruments TMS370 Datasheet HTML 28Page - Texas Instruments TMS370 Datasheet HTML 29Page - Texas Instruments TMS370 Datasheet HTML 30Page - Texas Instruments TMS370 Datasheet HTML 31Page - Texas Instruments TMS370 Datasheet HTML 32Page - Texas Instruments TMS370 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
TMS370Cx7x
8-BIT MICROCONTROLLER
SPNS034C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
29
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timer 2A (T2A) module (continued)
16-Bit
Register
16
INT
Logic
Capt/Comp
16-Bit
Capture
Edge
Detect
T2AEVT
PWM
Toggle
T2AIC2/PWM
(Dual-Compare Mode)
Edge
Detect
T2AIC1/CR
T2AIC2/PWM
Register
16-Bit
Register
Compare
16-Bit
Counter
Clock
Select
(Dual-Capture Mode)
Figure 11. Timer 2A Block Diagram
The T2A module features include the following:
D Three T2A I/O pins:
–
T2AIC1/CR: T2A input capture 1 / counter reset input pin, or general-purpose bidirectional I/O pin
–
T2AIC2/PWM: T2A input capture 2 / pulse-width-modulation (PWM) output pin, or general-purpose
bidirectional I/O pin
–
T2AEVT: T2A event input pin, or general-purpose bidirectional I/O pin
D Two operation modes:
–
Dual-compare mode: Provides PWM signal
–
Dual-capture mode: Provides input capture pin
D One 16-bit general-purpose resettable counter
D One 16-bit compare register with associated compare logic
D One 16-bit capture register with associated capture logic
D One 16-bit capture/compare register, which, depending on the mode of operation, operates as either a
capture or compare register
D T2A clock sources can be any of the following:
–
System clock
–
No clock (the counter is stopped)
–
External clock synchronized to the system clock (event counter)
–
System clock while external input is high (pulse accumulation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com