Electronic Components Datasheet Search
  English  ▼

X  

LTC3554EPD Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3554EPD
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554EPD Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3554EPD Datasheet HTML 4Page - Linear Technology LTC3554EPD Datasheet HTML 5Page - Linear Technology LTC3554EPD Datasheet HTML 6Page - Linear Technology LTC3554EPD Datasheet HTML 7Page - Linear Technology LTC3554EPD Datasheet HTML 8Page - Linear Technology LTC3554EPD Datasheet HTML 9Page - Linear Technology LTC3554EPD Datasheet HTML 10Page - Linear Technology LTC3554EPD Datasheet HTML 11Page - Linear Technology LTC3554EPD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC3554
8
3554f
TYPICAL PERFORMANCE CHARACTERISTICS
Burst Mode
® BVIN Supply
Current Per Enabled Step-Down
Switching Regulator
Standby Mode BVIN Supply
Current Per Enabled Step-Down
Switching Regulator
Oscillator Frequency
vs Temperature
Step-Down Switching Regulator 1
3.3V Output Efficiency vs IOUT1
Step-Down Switching Regulator 2
1.8V Output Efficiency vs IOUT2
TA = 25°C, unless otherwise specified.
Burst Mode is a registered trademark of Linear Technology Corporation.
Step-Down Switching Regulator 1
2.5V Output Efficiency vs IOUT1
Step-Down Switching Regulator 2
1.2V Output Efficiency vs IOUT2
Switching from Suspend Mode to
500mA Mode
VBAT = 3.75V
IOUT = 50mA
RPROG = 2k
3554 G15
1ms/DIV
5V
5V
SUSP
VOUT
0
0
0A
0A
IBUS
0.5A/DIV
IBAT
0.5A/DIV
Switching from 100mA Mode to
500mA Mode
VBAT = 3.75V
IOUT = 50mA
RPROG = 2k
3554 G14
1ms/DIV
5V
HPWR
0
0A
0A
IBUS
0.5A/DIV
IBAT
0.5A/DIV
TEMPERATURE (°C)
–75 –50 –25
25
50
75 100
150
125
0
1.9
2.1
2.2
2.4
2.6
2.5
2.3
3554 G16
2.0
2.7V
3.8V
5.5V
IOUT1 (mA)
0.01
0.1
0
70
100
1
10
100
1000
3554 G24a
60
50
40
30
20
10
80
90
FSEL = L
STBY = L
3.8V
5V
IOUT2 (mA)
0.01
0.1
0
70
100
1
10
100
1000
3554 G25
60
50
40
30
20
10
80
90
FSEL = L
STBY = L
3.8V
5V
BVIN SUPPLY VOLTAGE (V)
2.5
3
4
4.5
5.5
5
3.5
0
10
15
25
35
30
20
3554 G17
5
NO LOAD
STBY = L
–45°C
25°C
90°C
BVIN SUPPLY VOLTAGE (V)
2.5
3
4
4.5
5.5
5
3.5
0
1.0
1.5
2.5
3.0
2.0
3554 G18
0.5
NO LOAD
STBY = H
–45°C
25°C
90°C
IOUT1 (mA)
3554 G31
0.01
0.1
100
1000
10
1
0
20
30
80
40
50
60
90
100
70
10
FSEL = L
STBY = L
3.8V
5V
IOUT2 (mA)
3554 G32
0.01
0.1
100
1000
10
1
0
20
30
80
40
50
60
90
100
70
10
FSEL = L
STBY = L
3.8V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com