Electronic Components Datasheet Search
  English  ▼

X  

LTC3554EPD Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3554EPD
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554EPD Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3554EPD Datasheet HTML 2Page - Linear Technology LTC3554EPD Datasheet HTML 3Page - Linear Technology LTC3554EPD Datasheet HTML 4Page - Linear Technology LTC3554EPD Datasheet HTML 5Page - Linear Technology LTC3554EPD Datasheet HTML 6Page - Linear Technology LTC3554EPD Datasheet HTML 7Page - Linear Technology LTC3554EPD Datasheet HTML 8Page - Linear Technology LTC3554EPD Datasheet HTML 9Page - Linear Technology LTC3554EPD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC3554
6
3554f
VBUS Supply Current
vs Temperature
VBUS Supply Current
vs Temperature (Suspend Mode)
Battery Drain Current
vs Temperature
VBUS Current Limit
vs Temperature
Note 3. This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 110°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
Note 4. VCC is the greater of VBUS or BAT.
Note 5. Total Battery Drain Current is the sum of IBATQ and IOUT. For
example, in applications where the buck input (BVIN pin) is connected
to the PowerPath output (VOUT pin) such that IOUT = IBVIN, total battery
drain current = IBATQ + IBVIN.
Note 6. hC/10 is expressed as a fraction of programmed full charge
current with specified PROG resistor.
Note 7. The current limit features of this part are intended to protect
the IC from short term or intermittent fault conditions. Continuous
operation above the absolute maximum specified pin current rating may
result in device degradation or failure.
Note 8. FB High, Not Switching
Note 9. VOUT not in UVLO.
Note 10. PGOOD threshold is expressed as a percentage difference from
the buck regulation voltage. The threshold is measured with the buck
feedback pin voltage rising.
Note 11. See the Operation section of this data sheet for detailed
explanation of the pushbutton state machine and the effects of each
state on switching regulator and power manager operation.
Note 12. If VBUS < VUVLO then VFWD = 0 and the forward voltage across
the ideal diode is equal to its current times RDROPOUT.
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
TEMPERATURE (°C)
–75
200
300
350
400
–25
25
50
150
3554 G01
250
–50
0
75 100 125
VBUS = 5V
HPWR = L
TEMPERATURE (°C)
–75
0
10
15
25
20
–25
25
50
150
3554 G02
5
–50
0
75 100 125
VBUS = 5V
TEMPERATURE (°C)
–75 –50 –25
25
50
75
100 125
0
0
4
6
10
14
12
8
3554 G03
2
BOTH REGULATORS DISABLED
ONE REGULATOR ENABLED
HARD RESET
BOTH REGULATORS
ENABLED
VBAT = 3.8V
STBY = 3.8V
REGULATORS LOAD = 0mA
TEMPERATURE (°C)
–75
0
2
3
5
4
–25
25
50
150
3554 G03b
1
–50
0
75 100 125
VBUS = 5V
VBAT = 3.8V
TEMPERATURE (°C)
–75
0
200
300
500
400
–25
25
50
3554 G04
100
–50
0
75
100 125
VBUS = 5V
HPWR = H
HPWR = L
Battery Drain Current
vs Temperature (Suspend Mode)
LOAD CURRENT (mA)
0
100
300
500
400
200
–100
100
200
400
600
500
300
3554 G05
0
RPROG = 1.87k
IVBUS
ILOAD
IBAT
(CHARGING)
IBAT
(DISCHARGING)
VBUS and Battery Current
vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com