Electronic Components Datasheet Search
  English  ▼

X  

LTC3554EPD Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3554EPD
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554EPD Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3554EPD Datasheet HTML 23Page - Linear Technology LTC3554EPD Datasheet HTML 24Page - Linear Technology LTC3554EPD Datasheet HTML 25Page - Linear Technology LTC3554EPD Datasheet HTML 26Page - Linear Technology LTC3554EPD Datasheet HTML 27Page - Linear Technology LTC3554EPD Datasheet HTML 28Page - Linear Technology LTC3554EPD Datasheet HTML 29Page - Linear Technology LTC3554EPD Datasheet HTML 30Page - Linear Technology LTC3554EPD Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LTC3554
27
3554f
BAT
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
VBUS
ON (PB)
PBSTAT
BUCK1
BUCK2
PGOOD
PWR_ON1
PWR_ON2
STATE
POFF/HR
PON
PUP2/PUP1
3554 TD01
5s
230ms
400ms
Figure 7. Power-Up Via Pushbutton Press
OPERATION
state. If a valid HRST event is present in PON, PDN2 or
POFF, then the state machine will transition to the PDN1
state and subsequently transition to the HR state one
second later.
Debounced Pushbutton Output (PBSTAT)
In the PON, PUP1, and PUP2 states, the PBSTAT open-
drain output pin outputs a debounced version of the ON
pushbutton signal. ON must be held low for at least 50ms
for the pushbutton interface to recognize it and cause
PBSTAT to go low. PBSTAT goes high impedance when
ON goes high, except the logic enforces a minimum pulse
width on PBSTAT. Once it goes low, it stays low for at
least 50ms.
In the HR, POFF, PDN1, and PDN2 states, PBSTAT remains
high impedance regardless of the state of ON.
Power-Up Via Pushbutton Press
Figure 7 shows the LTC3554 powering up through ap-
plication of the external pushbutton. For this example the
pushbutton circuitry starts in the POFF or HR state with a
battery connected and both bucks disabled. Pushbutton
application (ON low) for 400ms transitions the pushbutton
circuitry into the PUP state and powers up buck1 followed
by buck2. If either PWR_ON is low or goes low after the
5 second period the corresponding buck(s) will be shut
down. In the above example PWR_ON2 is low at the end
of the 5 second period and therefore buck2 is disabled
at the end of the 5 second period. PGOOD is asserted
once all enabled bucks are within 8% of their regulation
voltage for 230ms.
The PWR_ON inputs can be driven via a μP/μC or by one
of the buck outputs through a high impedance (100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com