Electronic Components Datasheet Search
  English  ▼

X  

LTC3554EPD Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3554EPD
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554EPD Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3554EPD Datasheet HTML 16Page - Linear Technology LTC3554EPD Datasheet HTML 17Page - Linear Technology LTC3554EPD Datasheet HTML 18Page - Linear Technology LTC3554EPD Datasheet HTML 19Page - Linear Technology LTC3554EPD Datasheet HTML 20Page - Linear Technology LTC3554EPD Datasheet HTML 21Page - Linear Technology LTC3554EPD Datasheet HTML 22Page - Linear Technology LTC3554EPD Datasheet HTML 23Page - Linear Technology LTC3554EPD Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTC3554
20
3554f
STEP-DOWN SWITCHING REGULATOR
Introduction
The LTC3554 includes two constant-frequency cur-
rent-mode 200mA step-down switching regulators, also
known as buck regulators. At light loads, each regulator
automatically enters Burst Mode operation to maintain
high efficiency.
Applications with a near-zero-current sleep or memory
keep-alive mode can command the LTC3554 switching
regulators into a standby mode that maintains output
regulation while drawing only 1.5μA quiescent current
per active regulator. Load capability drops to 5mA per
regulator in this mode.
Switching frequency and switch slew rate are pin-select-
able, allowing the application circuit to dynamically trade
off efficiency and EMI performance.
The regulators are enabled, disabled and sequenced
through the pushbutton interface (see the Pushbutton
Interface section for more information). It is recommended
that the step-down switching regulator input supply
(BVIN) be connected to the system supply pin (VOUT).
This is recommended because the undervoltage lockout
circuit on the VOUT pin (VOUT UVLO) disables the step-
down switching regulators when the VOUT voltage drops
below the VOUT UVLO threshold. If driving the step-down
switching regulator input supplies from a voltage other
than VOUT, the regulators should not be operated outside
their specified operating voltage range as operation is not
guaranteed beyond this range.
Output Voltage Programming
Figure 3 shows the step-down switching regulator
application circuit. The output voltage for each step-down
switching regulator is programmed using a resistor divider
from the step-down switching regulator output connected
to the feedback pins (FB1 and FB2) such that:
VOUTx = 0.8V •
R1
R2
+1
Typical values for R1 can be as high as 2.2MΩ.
(R1 + R2) can be as high as 3MΩ. The capacitor CFB
cancels the pole created by feedback resistors and
the input capacitance of the FB pin and also helps to
improve transient response for output voltages much
greater than 0.8V. A variety of capacitor sizes can be used
for CFB but a value of 10pF is recommended for most
applications. Experimentation with capacitor sizes between
2pF and 22pF may yield improved transient response.
OPERATION
Figure 3. Step-down Switching Regulator
Application Circuit
3554 F03
0.8V
VIN
CFB
COUT
VOUTx
MP
MN
GND
FBx
R1
SWx
L
PWM
CONTROL
EN
FSEL
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com