Electronic Components Datasheet Search
  English  ▼

X  

LTC3554EPD Datasheet(PDF) 28 Page - Linear Technology

Part # LTC3554EPD
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554EPD Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC3554EPD Datasheet HTML 24Page - Linear Technology LTC3554EPD Datasheet HTML 25Page - Linear Technology LTC3554EPD Datasheet HTML 26Page - Linear Technology LTC3554EPD Datasheet HTML 27Page - Linear Technology LTC3554EPD Datasheet HTML 28Page - Linear Technology LTC3554EPD Datasheet HTML 29Page - Linear Technology LTC3554EPD Datasheet HTML 30Page - Linear Technology LTC3554EPD Datasheet HTML 31Page - Linear Technology LTC3554EPD Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LTC3554
28
3554f
typical) to keep the bucks enabled as described above.
PBSTAT does not go low on initial pushbutton application
for power-up, but will go low with subsequent ON pushbut-
ton applications in the PUP1, PUP2 or PON states.
Power-Up Via Applying External Power
Figure 8 shows the LTC3554 powering up through ap-
plication of external power (VBUS). For this example the
pushbutton circuitry starts in the POFF or HR state with a
battery connected and both bucks disabled. 100ms after
VBUS application the pushbutton circuitry transitions into
the PUP state and powers up buck1 followed by buck2.
The 100ms delay time allows the applied supply to settle.
The bucks will stay powered as long as their respective
PWR_ON inputs are driven high before the 5 second PUP
period is over. If either PWR_ON is low or goes low after
the 5 second period the corresponding buck(s) will be shut
down. In the above example both PWR_ONs are high at
OPERATION
the end of the 5 second period and therefore both bucks
continue to stay on at the end of the 5 second period.
PGOOD is asserted once all enabled bucks are within 8%
of their regulation voltage for 230ms.
The PWR_ON inputs can be driven via a μP/μC or one of
the buck outputs through a high impedance (100kΩ typ)
to keep the bucks enabled as described above.
Without a battery present, initial power application causes
a power-on reset which puts the pushbutton circuitry in
the PDN1 state and subsequently the HR state one second
later. At this time, if a valid supply voltage is detected
at the BUS pin (i.e., VBUS > VUVLO and VBUS – VBAT >
VDUVLO), the pushbutton circuity immediately enters the
PUP1 state. For this to work reliably, the BAT pin voltage
must be kept well-behaved when no battery is connected.
Ensure this by bypassing the BAT pin to GND with an RC
network consisting of a 100μF ceramic capacitor in series
with 0.3Ω.
BAT
VBUS
ON (PB)
PBSTAT
BUCK1
BUCK2
PGOOD
PWR_ON1
PWR_ON2
STATE
POFF/HR
PON
PUP2/PUP1
3554 TD02
5s
5s
230ms
100ms
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
Figure 8. Power-Up Via Applying External Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com