Electronic Components Datasheet Search
  English  ▼

X  

LTC3554EPD Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3554EPD
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554EPD Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3554EPD Datasheet HTML 28Page - Linear Technology LTC3554EPD Datasheet HTML 29Page - Linear Technology LTC3554EPD Datasheet HTML 30Page - Linear Technology LTC3554EPD Datasheet HTML 31Page - Linear Technology LTC3554EPD Datasheet HTML 32Page - Linear Technology LTC3554EPD Datasheet HTML 33Page - Linear Technology LTC3554EPD Datasheet HTML 34Page - Linear Technology LTC3554EPD Datasheet HTML 35Page - Linear Technology LTC3554EPD Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTC3554
36
3554f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0509 • PRINTED IN USA
RELATED PARTS
PART
NUMBER
DESCRIPTION
COMMENTS
LTC3455
Dual DC/DC Converter with USB Power
Manager and Li-Ion Battery Charger
Seamless Transition Between Input Power Sources: Li-Ion Battery, USB and 5V Wall
Adapter, Two High Efficiency DC/DC Converters: Up to 96%, Full Featured Li-Ion Battery
Charger with Accurate USB Current Limiting (500mA/100mA) Pin-Selectable Burst
Mode Operation, Hot Swap
TM Output for SDIO and Memory Cards, 4mm × 4mm QFN-24
Package
LTC3456
2-Cell, Multioutput DC/DC Converter with
USB Power Manager
Seamless Transition Between 2-Cell Battery, USB and AC Wall Adapter Input Power
Sources, Main Output: Fixed 3.3V Output, Core Output: Adjustable from 0.8V to
VBATT(MIN), Hot Swap Output for Memory Cards, Power Supply Sequencing: Main and
Hot Swap Accurate USB Current Limiting, High Frequency Operation = 1MHz, High
Efficiency: Up to 92%, 4mm × 4mm QFN-24 Package
LTC3550
Dual Input USB/AC Adapter Li-Ion Battery
Charger with Adjustable Output 600mA
Buck Converter
Synchronous Buck Converter, Efficiency = 93%, Adjustable Output at 600mA, Charge
Current: 950mA Programmable, USB-Compatible, Automatic Input Power Detection
and Selection
LTC3552
Standalone Linear Li-Ion Battery Charger
with Adjustable Output Dual Synchronous
Buck Converter
Synchronous Buck Converter, Efficiency > 90%, Adjustable Outputs at 800mA and
400mA, Charge Current Programmable Up to 950mA, USB-Compatible, 5mm × 3mm
DFN-16 Package
LTC3552-1
Standalone Linear Li-Ion Battery Charger
with Dual Synchronous Buck Converter
Synchronous Buck Converter, Efficiency > 90%, Outputs 1.8V at 800mA and 1.575 at
400mA, Charge Current Programmable Up to 950mA, USB-Compatible
LTC3557
USB Power Manager with Li-Ion Charger,
Triple Step-Down DC/DC Regulators and
External High Voltage Buck Control
Triple Step-Down Switching Regulators (600mA, 400mA); Seamlessly Transition Input
Power between Li-Ion Battery, USB, 5V Wall Adapter, or External High Voltage Buck
Regulator with Bat-Track™; 4mm × 4mm QFN Package
LTC3559
USB Charger with Dual Buck Regulators
Adjustable, Synchronous Buck Converters, Efficiency > 90%, Outputs: Down to 0.8V at
400mA Each, Charge Current Programmable Up to 950mA, USB-Compatible, 3mm ×
3mm QFN-16 Package
LTC3577
I2C Controlled USB Power Manager with
Li-Ion Charger, Triple Step-Down DC/DC
Regulators, Dual LDOs and 40V LED
Backlight Driver
High Integration USB Power Management Solution for Portable Products
LTC4080
500mA Standalone Charger with 300mA
Synchronous Buck
Charges Single-Cell Li-Ion Batteries, Timer Termination + C/10, Thermal Regulation, Buck
Output: 0.8V to VBAT, Buck Input VIN: 2.7V to 5.5V, 3mm × 3mm DFN-10 Package
Hot Swap and Bat-Track are trademarks of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com