Electronic Components Datasheet Search
  English  ▼

X  

LTC3554EPD Datasheet(PDF) 25 Page - Linear Technology

Part # LTC3554EPD
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554EPD Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC3554EPD Datasheet HTML 21Page - Linear Technology LTC3554EPD Datasheet HTML 22Page - Linear Technology LTC3554EPD Datasheet HTML 23Page - Linear Technology LTC3554EPD Datasheet HTML 24Page - Linear Technology LTC3554EPD Datasheet HTML 25Page - Linear Technology LTC3554EPD Datasheet HTML 26Page - Linear Technology LTC3554EPD Datasheet HTML 27Page - Linear Technology LTC3554EPD Datasheet HTML 28Page - Linear Technology LTC3554EPD Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
LTC3554
25
3554f
and DCR losses, and will not give the best efficiency. The
choice of which style inductor to use often depends more
on the price versus size, performance and any radiated
EMI requirements than on what the step-down switching
regulators requires to operate.
The inductor value also has an effect on Burst Mode
operation. Lower inductor values will cause Burst Mode
switching frequency to increase.
Input/Output Capacitor Selection
Low ESR (equivalent series resistance) ceramic capacitors
should be used at both step-down switching regulator
outputs as well as at the step-down switching regulator
input supply. Only X5R or X7R ceramic capacitors should
be used because they retain their capacitance over wider
voltage and temperature ranges than other ceramic types.
For good transient response and stability the output capaci-
tor for each step-down switching regulator should retain at
least 4μF of capacitance over operating temperature and
bias voltage. Generally, a good starting point is to use a
10μF output capacitor.
The switching regulator input supply should be bypassed
with a 2.2μF capacitor. Consult with capacitor manufac-
turers for detailed information on their selection and
specifications of ceramic capacitors. Many manufacturers
now offer very thin (<1mm tall) ceramic capacitors ideal
for use in height-restricted designs. Table 1 shows a list
of several ceramic capacitor manufacturers.
PUSHBUTTON INTERFACE
State Diagram/Operation
Figure 6 shows the LTC3554 pushbutton state diagram.
Figure 6. Pushbutton State Diagram
3554 F06
PUP2
PDN1
PDN2
HRST
HRST
HRST
POR
PWR_ONx
AND UVLO
PWR_ONx
EXTPWR OR
PB400MS
1SEC
5SEC
5SEC
1SEC
PON
POFF
PUP1
HR
PWR_ONx
OR UVLO
EXTPWR OR
PB400MS
Upon first application of power, VBUS or BAT, an inter-
nal power on reset (POR) signal places the pushbutton
circuitry into the power-down (PDN1) state. One second
after entering the PDN1 state the pushbutton circuitry will
transition into the hard reset (HR) state.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com