Electronic Components Datasheet Search
  English  ▼

X  

LTC3554EPD Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3554EPD
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554EPD Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3554EPD Datasheet HTML 15Page - Linear Technology LTC3554EPD Datasheet HTML 16Page - Linear Technology LTC3554EPD Datasheet HTML 17Page - Linear Technology LTC3554EPD Datasheet HTML 18Page - Linear Technology LTC3554EPD Datasheet HTML 19Page - Linear Technology LTC3554EPD Datasheet HTML 20Page - Linear Technology LTC3554EPD Datasheet HTML 21Page - Linear Technology LTC3554EPD Datasheet HTML 22Page - Linear Technology LTC3554EPD Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LTC3554
19
3554f
OPERATION
Therefore, the hot trip point is set when:
R
NTC|HOT
R
NOM + RNTC|HOT
•V
BUS = 0.35 • VBUS
and the cold trip point is set when:
R
NTC|COLD
R
NOM + RNTC|COLD
•V
BUS = 0.76 • V BUS
Solving these equations for RNTC|COLD and RNTC|HOT
results in the following:
RNTC|HOT = 0.538 • RNOM
and
RNTC|COLD = 3.17 • RNOM
By setting RNOM equal to R25, the above equations result
in rHOT = 0.538 and rCOLD = 3.17. Referencing these ratios
to the Vishay Resistance-Temperature Curve 1 chart gives
a hot trip point of about 40°C and a cold trip point of about
0°C. The difference between the hot and cold trip points
is approximately 40°C.
By using a bias resistor, RNOM, different in value from
R25, the hot and cold trip points can be moved in either
direction. The temperature span will change somewhat due
to the nonlinear behavior of the thermistor. The following
equations can be used to easily calculate a new value for
the bias resistor:
R
NOM =
r
HOT
0.538
•R25
R
NOM =
r
COLD
3.17
•R25
where rHOT and rCOLD are the resistance ratios at the de-
sired hot and cold trip points. Note that these equations
are linked. Therefore, only one of the two trip points can
be independently set, the other is determined by the de-
fault ratios designed in the IC.
Consider an example where a 60°C hot trip point is desired.
From the Vishay curve 1 R-T characteristics, rHOT is 0.2488
at 60°C. Using the above equation, RNOM should be set
to 46.4k. With this value of RNOM, the cold trip point is
about 16°C. Notice that the span is now 44°C rather than
the previous 40°C. This is due to the decrease in tem-
perature gain of the thermistor as absolute temperature
increases.
The upper and lower temperature trip points can be in-
dependently programmed by using an additional bias
resistor as shown in Figure 2. The following formulas can
be used to compute the values of RNOM and R1:
R
NOM =
r
COLD –r HOT
2.714
•R25
R
1 = 0.536 • RNOM –r HOT •R25
For example, to set the trip points to 0°C and 45°C with
a Vishay curve 1 thermistor choose:
R
NOM =
3.266 – 0.4368
2.714
• 100k =104.2k
the nearest 1% value is 105k
R1 = 0.536 • 105k – 0.4368 • 100k = 12.6k
The nearest 1% value is 12.7k. The final solution is shown
in Figure 2 and results in an upper trip point of 45°C and
a lower trip point of 0°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com