Electronic Components Datasheet Search
  English  ▼

X  

LTC3554EPD Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3554EPD
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554EPD Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3554EPD Datasheet HTML 9Page - Linear Technology LTC3554EPD Datasheet HTML 10Page - Linear Technology LTC3554EPD Datasheet HTML 11Page - Linear Technology LTC3554EPD Datasheet HTML 12Page - Linear Technology LTC3554EPD Datasheet HTML 13Page - Linear Technology LTC3554EPD Datasheet HTML 14Page - Linear Technology LTC3554EPD Datasheet HTML 15Page - Linear Technology LTC3554EPD Datasheet HTML 16Page - Linear Technology LTC3554EPD Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTC3554
13
3554f
BLOCK DIAGRAM
0.8V
OSC
200mA STEP-DOWN DC/DC
EN
STBY
INPUT
CURRENT
LIMIT
CC/CV
CHARGER
BATTERY
TEMP
MONITOR
POWER GOOD
COMPARATORS
PUSH BUTTON
INTERFACE
2.25MHz/
1.125MHz
OSCILLATOR
CHARGE
STATUS
0.8V
OSC
VBUS
VOUT
BAT
PROG
SW1
FB1
BVIN
SW2
FB2
PGOOD
HPWR
SUSP
NTC
FSEL
EXTPWR
UVLO
STBY
GND
3554 BD1
PWR_ON1
PWR_ON2
PBSTAT
ON
CHRG
200mA STEP-DOWN DC/DC
EN
STBY
20
18
17
16
13
6
12
11
7
4
1
19
15
14
2
10
21
9
8
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com