Electronic Components Datasheet Search
  English  ▼

X  

LTC3554EPD Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3554EPD
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554EPD Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3554EPD Datasheet HTML 14Page - Linear Technology LTC3554EPD Datasheet HTML 15Page - Linear Technology LTC3554EPD Datasheet HTML 16Page - Linear Technology LTC3554EPD Datasheet HTML 17Page - Linear Technology LTC3554EPD Datasheet HTML 18Page - Linear Technology LTC3554EPD Datasheet HTML 19Page - Linear Technology LTC3554EPD Datasheet HTML 20Page - Linear Technology LTC3554EPD Datasheet HTML 21Page - Linear Technology LTC3554EPD Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTC3554
18
3554f
NTC thermistors have temperature characteristics which
are indicated on resistance-temperature conversion ta-
bles. The Vishay-Dale thermistor NTHS0603N011-N1003F,
used in the following examples, has a nominal value of
100k and follows the Vishay curve 1 resistance-tempera-
ture characteristic.
In the explanation below, the following notation is used.
R25 = Value of the thermistor at 25°C
RNTC|COLD = Value of thermistor at the cold trip point
RNTC|HOT = Value of the thermistor at the hot trip point
rCOLD = Ratio of RNTC|COLD to R25
rHOT = Ratio of RNTC|HOT to R25
RNOM = Primary thermistor bias resistor (see Figure 2)
R1 = Optional temperature range adjustment resistor (see
Figure 2)
The trip points for the LTC3554’s temperature qualifica-
tion are internally programmed at 0.35 • VBUS for the hot
threshold and 0.76 • VBUS for the cold threshold.
OPERATION
Figure 1. Typical NTC Thermistor Circuit
Figure 2. NTC Thermistor Circuit with Additional Bias Resistor
–
+
–
+
RNOM
100k
RNTC
100k
NTC
VBUS
NTC_ENABLE
3554 F01
NTC BLOCK
TOO_COLD
TOO_HOT
0.76 • VBUS
(NTC RISING)
0.35 • VBUS
(NTC FALLING)
0.017 • VBUS
(NTC FALLING)
–
+
20
15
–
+
–
+
RNOM
105k
RNTC
100k
R1
12.7k
NTC
VBUS
NTC_ENABLE
3554 F02
TOO_COLD
TOO_HOT
0.76 • VBUS
(NTC RISING)
0.35 • VBUS
(NTC FALLING)
0.017 • VBUS
(NTC FALLING)
–
+
20
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com