Electronic Components Datasheet Search
  English  ▼

X  

TMC2192KHC Datasheet(PDF) 48 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 48 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 44Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 45Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 46Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 47Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 48Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 49Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 50Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 51Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 52Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
48
REV. 1.0.0 8/13/03
Control Register Definitions (continued)
Closed Caption Register (0x1D)
76543210
CCD2
Reg
Bit
Name
Description
1D
7-0
CCD2
Second Byte of CC Data.
Bit 0 is the LSB. The MSB will be overwritten by an ODD Parity Bit if
CCPAR is HIGH
Closed Caption Register (0x1E)
76543210
CCON
CCRTS
CCPAR
CCFLD
CCLINE
Reg
Bit
Name
Description
1E
7
CCON
Enable CC Data Packet.
Command the CC data generator to send either CC data or a NULL byte
whenever the specified line is transmitted.
1E
6
CCRTS
Request To Send Data.
This bit is set HIGH by the user when bytes 0x1C and 0x1D have been
loaded with the next two bytes to be sent. When the encoder’s line count
reaches preceding the line specified in bits 4-0 of this register the data will
be transferred from registers 0x1C and 0x1D, and RTS will be RESET
LOW. A new pair of bytes may then be loaded into registers 0x1C and
0x1D. If CCON = 1 and CCRTS = 0 when the CC line is to be sent, NULL
bytes will be sent.
1E
5
CCPAR
Auto Parity Generation.
When set HIGH, the encoder replaces the MSB of bytes 0x1C and 0x1D
with a calculated ODD parity. When set LOW, the CC processor transmits
the 16 bits exactly as loaded into registers 0x1C and 0x1D.
1E
4
CCFLD
CC Field Select.
When LOW, CC data is transmitted on the selected line of ODD fields.
When HIGH, it is sent on EVEN fields.
1E
3-0
CCLINE
CC Line Select.
Defines (with an offset) the line on which CC data are transmitted.
Timing Register (0x1F)
76543210
PDCNT
Reg
Bit
Name
Description
1F
7-0
PDCNT
Pixel Data Control Start.
PDCNT determines the number of pixels (PCK’s) from the midpoint of the
falling edge of horizontal sync to the rising edge of PDC on active video
lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com