Electronic Components Datasheet Search
  English  ▼

X  

TMC2192KHC Datasheet(PDF) 29 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 29 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 25Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 26Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 27Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 28Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 29Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 30Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 31Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 32Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 33Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
29
relation to the PD port. Control register OMIX chooses
among the following set of coefficients; either 0 1/8 1/2 7/8
1, 0 1/2 1 , or 0 1 to switch between the PD port and the over-
lay color. The timing diagram in Figure 22 identifies the
three possible output formats that the mixer can produce.
Figure 21. Overlay Outputs
Hardware Keying
The KEY input switches the input to the Comp data path
between the composite video generated from the PD port and
the CVBS data bus on a pixel-by-pixel basis. This is a “soft”
switch is executed over 3 PCK periods to minimize out-of-
band transients. Keying is accomplished in the digital com-
posite video domain. The coefficients for the mix are 0, 1/8,
1/2, 7/8, and 1 . The COMP output is the final output for all
overlay functions.
Hardware keying is enabled by the key Control Register
HKEN. Normally, keying is only effective during the active
video portion of the encoded video line (as determined by
Control Register VA). That is, the horizontal blanking inter-
val is generated by the encoder even if the KEY signal is
held HIGH through horizontal blanking. However, it is pos-
sible to allow digital horizontal blanking to be passed
through from the CVBS bus to the COMP output by setting
key Control Register BUKEN HIGH. In this mode, KEY is
always active, and may be exercised at will.
The KEY input is registered into the encoder just as Pixel
data is clocked into the PD port. It is internally pipelined, so
the midpoint of the KEY transition occurs at the output of
the pixel that was input at the same time at the KEY signal.
Data Keying
Data keying for each channel Y, Cb, and Cr, is separately
enabled or disabled by the control registers DKEYDIS,
EKEYDIS, and FKEYDIS. On each channel the eight (8)
MSBs of the pixel data are compared against a maximum
key value and a minimum key value. If the pixel data is
greater than xKEYMIN and less than or equal to xKEY-
MAX, then a key match is signaled for that channel.
Figure 22. Data Keying
By allowing a window of possible key values on each chan-
nel the TMC2192 opens a key cube in the color space.
Parallel Microprocessor Interface
The parallel microprocessor interface is active when SER is
HIGH and employs a 12-line interface; an 8 bit data bus and
2 bit address location, 1 bit read/write select, and a chip
select controlling the timing. Two addresses are required for
device programming, one to the pointer and one to the data
location. When writing, the address is presented along with a
LOW on the R/W pin during the falling edge of CS. Eight
bits of data are presented on D7-0 during the subsequent ris-
ing edge of CS.
Table 19. Overlay Address Map
OL4-0
Result
0
Pixel data is passed through overlay mixer.
1-15
Overlay is mixed with PD or CVBS at the transitions.
16
Half amplitude PD or half amplitude CVBS is the output of COMP2.
17-31
Overlay is mixed with half amplitude PD or half amplitude CVBS at the transitions.
A
A>0
0
OL[4:0]
BC
DE
FG
H
I
PDx
A
B
OL
OL
OL
I
OL
OL
H
AB
1/2C, 1/2OL
OL
OL
I
OL
1/2G, 1/2OL
H
MixOUT (OMIX = 3)
A
7/8B, 1/8OL 1/2C, 1/2OL 1/8D, 7/8OL
OL
I
1/8F, 7/8OL 1/2G, 1/2OL 7/8H, 1/8OL
MixOUT (OMIX = 2)
MixOUT (OMIX = 1)
65-6294-24
xKEYMAX
A<=B
A
B
A<=B
A
KEY
MATCH
B
xKEYMIN
xCHANNEL
65-6294-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com