Electronic Components Datasheet Search
  English  ▼

X  

TMC2192KHC Datasheet(PDF) 44 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 44 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 40Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 41Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 42Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 43Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 44Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 45Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 46Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 47Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 48Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
44
REV. 1.0.0 8/13/03
Control Register Definitions (continued)
DAC Control Register (0x11)
76543210
DRSSEL
RESERVED
COMP2DB
SINEN
REFSEL
LUMDIS
CHRMDIS
BURSTDIS
Reg
Bit
Name
Description
11
7
DRSSEL
DRS Selection.
When DRSSEL is HIGH, PD[7:0] is routed to the DRS detection block.
When DRSSEL is LOW, CVBS[9:2] is routed to the DRS detection block.
11
6
RESERVED
Program Low
11
5
COMP2DB.
Composite 2 Overflow Control.
When COMP2DB is HIGH, the digital range of the composite sumer is 0 to
2047 with half the digital resolution. When COMP2DB is LOW, the digital
output of the composite summer is 0 to 1023, all values exceeding 1023 or
below 0 are clipped.
11
4
SINEN
X/Sine(X) Filter Enable.
When SINEN is LOW, the X/Sin(X) filter is bypassed.
When SINEN is HIGH, the X/Sin(X) filter is used to compensate for the
DAC roll-off at high frequencies.
11
3
RESERVED
Program Low
11
2
LUMDIS
Luma Disable.
When LUMDIS is LOW, the luminance data on the composite data path is
enabled. When LUMDIS is HIGH, the luminance data on the composite
data path is disabled.
11
1
CHRMDIS
Chroma Disable.
When CHRMDIS is LOW, the chrominance data on the composite data
path is enabled. When CHRMDIS is HIGH, the chrominance data on the
composite data path is disabled.
11
0
BURSTDIS
Burst Disable.
When BURSTDIS is LOW, the burst is enabled.
When BURSTDIS is HIGH, the burst is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com