Electronic Components Datasheet Search
  English  ▼

X  

TMC2192KHC Datasheet(PDF) 33 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 33 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 29Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 30Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 31Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 32Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 33Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 34Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 35Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 36Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 37Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
33
Read from four consecutive control registers
• Start signal
• Slave Address byte (R/W bit = LOW)
• Block Pointer (00)
• Offset Pointer
• Stop signal
• Start signal
• Slave Address byte (R/W bit = HIGH)
• Data byte from base address
• Data byte from (base address + 1)
• Data byte from (base address + 2)
• Data byte from (base address + 3)
•NOACK
Control Register Map
Table 22. Control Register Map
Reg Bit
Mnemonic
Function
TMC2192 Identification Registers (Read only)
00
7-0
PARTID2
Reads back 97h
01
7-0
PARTID1
Reads back 21h
02
7-0
PARTID0
Reads back 92h
03
7-0
REVID
Silicon revision #
Gamma Filters Register
04
7-4
Reserved
Set to Low
04
3
SRESET
Software RESET
04
2
SKEN
Data KEY Enable
04
1-0
PDRM
Pixel Data Ramping Mode
Input Format Register
05
7
D1OFF
YCBCR Input Formatting
05
6
Reserved
Program Low
05
5-4
INMODE
Input Mode Select
05
3-2
OMIX
Overlay Mixer Select
05
1-0
SOURCE
Video Input Select
General Control Register
06
7-6
FORMAT
Video Format
06
5-3
MODE
Video Mode
06
2
PDCDIR
PDC Directional Control
06
1
TOUT
External Sync Output Control
06
0
TSOUT
External Sync Delay Control
Horizontal Ancillary Data Control Register
07
7
LDFID
Field Lock Select
07
6
SKFLIP
Soft Key Inversion
07
5
DDSRST
DDS Reset
07
4-3
Reserved
07
2
ANCFREN
Ancillary Frequency Enable
07
1
ANCPHEN
Ancillary Phase Enable
07
0
ANCTREN
Ancillary Timing Enable
Ancillary Data ID Register
08
7-0
ANCID
Ancillary Data Identification
Keying/Overlay Engine
09
7
HKEN
Hardware KEY Enable
09
6
BUKEN
Burst KEY Enable
09
5
SKEXT
Data KEY Operation Select
09
4
DKDIS
Green/Y Data KEY Disable
09
3
EKDIS
Blue/CB Data KEY Disable
09
2
FKDIS
Red/CR Data KEY Disable
09
1-0
LAYMODE
Layer Assignment Select
Key Value Registers
0A
7-0 DKEYMAX
Green/Y Maximum Data Key
Value
0B
7-0 DKEYMIN
Green/Y Minimum Data Key
Value
0C
7-0 EKEYMAX
Blue/CB Maximum Data Key
Value
0D
7-0 EKEYMIN
Blue/CB Minimum Data Key
Value
0E
7-0 FKEYMAX
Red/CR Maximum Data Key
Value
0F
7-0 FKEYMIN
Red/CR Minimum Data Key
Value
DAC Control Registers
10
7
COMPDIS
D/A #4 Disable
10
6
CHROMADIS
D/A #3 Disable
10
5
LUMADIS
D/A #2 Disable
10
4-3
Reserved
Set to 0.
10
2
OLUTDIS
Overlay LUT Disable
10
1-0
Reserved
Program Low
11
7
DRSSEL
DRS Selection
11
6
Reserved
Program Low
11
5
COMP2DB
Composite 2 Overflow Control
11
4
SINEN
X/Sin(x) Filter Enable
11
3
Reserved
Program Low
11
2
LUMDIS
Luma Disable
11
1
CHRMDIS
Chroma Disable
11
0
BURSTDIS
Burst Disable
Table 22. Control Register Map (continued)
Reg Bit
Mnemonic
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com