Electronic Components Datasheet Search
  English  ▼

X  

TMC2192KHC Datasheet(PDF) 60 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 60 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 56Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 57Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 58Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 59Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 60Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 61Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 62Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 63Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 64Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
60
REV. 1.0.0 8/13/03
Absolute Maximum Ratings (beyond which the device may be damaged)
Notes:
1. Absolute maximum ratings are limiting values applied individually while all other parameters are within specified operating
conditions. Functional operation under any of these conditions is NOT implied.
2. Applied voltage must be current limited to specified range, and measured with respect to GND.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current, flowing into the device.
Parameter
Min.
Max.
Unit
Power Supply Voltage
-0.5
7.0
V
Digital Inputs
Applied Voltage2
-0.5
VDD + 0.5
V
Forced Current3,4
-20.0
20.0
mA
Digital Outputs
Applied Voltage2
-0.5
VDD + 0.5
V
Forced Current3,4
-20.0
20.0
mA
Short Circuit Duration (Single Output in HIGH state to GND)
1
second
Analog Output Short Circuit Duration (Single output to GND)
Infinite
Temperature
Operating, Ambient
-20
+110
°C
Operating, Junction, Plastic package
+150
°C
Lead, Soldering (10 seconds)
+300
°C
Vapor Phase Soldering (1 minute)
+220
°C
Storage
-65
+150
°C
Operating Conditions
Parameter
Min.
Nom.
Max.
Units
VDD
Power Supply Voltage
4.75
5.0
5.25
V
VIH
Input Voltage, Logic HIGH
TTL Compatible Inputs
2.0
VDD
V
CMOS Compatible Inputs
0.7VDD
VDD
V
VIL
Input Voltage, Logic LOW
TTL Compatible Inputs
GND
0.8
V
CMOS Compatible Inputs
GND
0.3VDD
V
IOH
Output Current, Logic HIGH
-2.0
mA
IOL
Output Current, Logic LOW
4.0
mA
VREF
External Reference Voltage
1.235
V
IREF
D/A Converter Reference Current (IREF = VREF / RREF,
flowing out of the RREF pin)
1.020
mA
RREF
Reference Resistor, VREF = Nom.
1210
Ω
ROUT
Total Output Load Resistance
37.5
Ω
TA
Ambient Temperature, Still Air
0
70
°C
Pixel Interface
fPXL
Pixel Rate
10
15
Mpps
fPXCK
Master Clock Rate, 2x pixel rate
20
30
MHz
tPWHPX
PXCK Pulse Width, HIGH
15
ns
tPWLPX
PXCK Pulse Width, LOW
17.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com