Electronic Components Datasheet Search
  English  ▼

X  

TMC2192KHC Datasheet(PDF) 31 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 31 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 27Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 28Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 29Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 30Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 31Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 32Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 33Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 34Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 35Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
31
Serial Control Port (R-Bus)
In addition to the 12-wire parallel port, a 2-wire serial con-
trol interface is provided, active when SER is LOW. Either
port alone can control the entire chip. Up to four TMC2192
devices may be connected to the 2-wire serial interface with
each device having a unique address.
The 2-wire interface comprises a clock (SCL) and a bi-direc-
tional data (SDA) pin. The encoder acts as a slave for receiv-
ing and transmitting data over the serial interface. When the
serial interface is not active, the logic levels on SCL and
SDA need to be pulled HIGH by external pull-up resistors.
Data received or transmitted on the SDA line must be stable
for the duration of the positive-going SCL pulse. Data on
SDA must change only when SCL is LOW. If SDA changes
state while SCL is HIGH, the serial interface interprets that
action as a start or stop sequence.
There are six components to serial bus operation:
• Start signal
• Slave address byte
• Block Pointer
• Offset Pointer
• Data byte to read or write
• Stop signal
When the serial interface is inactive (SCL and SDA are
HIGH) communications are initiated by sending a start sig-
nal. The start signal is a HIGH-to-LOW transition on SDA
while SCL is HIGH. This signal alerts all slaved devices that
a data transfer sequence is coming.
The first eight bits of data transferred after a start signal com-
prise a seven bit slave address and a single R/W bit. The R/W
bit indicates the direction of data transfer, read from or write
to the slave device. If the transmitted slave address matches
the address of the device (set by the state of the SA1-0 input
pins in Table 24), the TMC2192 acknowledges by bringing
SDA LOW on the 9th SCL pulse. If the addresses do not
match, the TMC2192 will not acknowledge.
Data Transfer via Serial Interface
For each byte of data read or written, the MSB is the first bit
of the sequence.
If the TMC2192 does not acknowledge the master device
during a write sequence, the SDA remains HIGH so the mas-
ter can generate a stop signal. If the master device does not
acknowledge the TMC2192 during a read sequence, the
encoder interprets this as “end of data”.
Writing data to specific control registers of the TMC2192
requires that the 8 bit address of the control register of inter-
est be written after the slave address has been established.
This control register address is the base address for subse-
quent write operations. The base address auto increments by
one for each byte of data written after the data byte intended
for the base address.
Figure 25. Serial Port Read/Write Timing
Data are read from the control registers of the TMC2192 in a
similar manner. Reading requires two data transfer opera-
tions:
The base address must be written with the R/W bit of the
slave address byte LOW to set up a sequential read opera-
tion.
Reading (the R/W bit of the slave address byte HIGH)
begins at the previously established base address. The
address of the read register auto increments after each byte is
transferred.
To terminate a write sequence to the TMC2192, a stop signal
must be sent. A stop signal comprises a LOW-to-HIGH tran-
sition of SDA while SCL is HIGH. To terminate a read
Table 21. Serial Port Addresses
A6
A5
A4
A3
A2
A1
(SA1)
A0
(SA0)
1010100
1010101
1010110
1010111
tBUFF
tSTAH
tSTASU
tSTOSU
tDHO
tDSU
tDAL
tBAH
SCL / CS
SDA / R/W
65-6294-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com