Electronic Components Datasheet Search
  English  ▼

X  

TMC2192KHC Datasheet(PDF) 21 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 21 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 17Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 18Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 19Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 20Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 21Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 22Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 23Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 24Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 25Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
21
Chrominance Processor
Control registers for this section:
Subcarrier Programming
The color subcarrier is produced by an internal 32 bit digital
frequency synthesizer which is completely programmable in
frequency and phase. Separate registers, FREQx, SYSPHx,
BSTPHx, are provided for phase adjustment of the color
burst and of the active video, permitting external delay com-
pensation, color adjustment, etc. FREQx is the subcarrier
phase step per pixel and SYSPHx is phase offset at field 1,
line 1 (line 4 for NTSC), pixel 1.
NTSC Subcarrier
For NTSC encoding, the subcarrier synthesizer frequency
has a simple relationship to the pixel clock period, repeating
over 2 lines: The decimal value for the subcarrier phase step
is:
Where the number of pixels/line is:
This value must be converted to binary and split into four 8
bit registers, FREQM, FREQ2, FREQ3, and FREQL.
PAL Subcarrier
The PAL relationship is more complex, repeating only once
in 8 fields (the well-known 25 Hz offset):
This value must be converted to binary and split as described
previously for NTSC. The number of pixels/line is found as
in NTSC.
PAL-M Subcarrier
SYSPHx establishes the appropriate phase relationship
between the internal synthesizer and the chroma modulator.
The nominal value for SYSPHx is zero.
Other values for SYSPHx must be converted to binary and
split into two 8 bit registers, SYSPHM and SYSPHL.
Burst Phase (BURPHx) sets up the correct relative NTSC
modulation angle. The value for BURPH is:
BURPHx = SYSPHx
This value must be converted to binary and split into two 8
bit registers, BURPHM and BURPHL.
Address
Bit(s)
Name
0x06
7-6
FORMAT
0x06
5-3
MODE
0x07
5
DDSRST
0x11
7
DRSSEL
0x18
6
GLKCTL1
0x18
5
GLKCTL0
0x3F
3
GAUSS_BYP
0x40
7-0
FREQL
0x41
7-0
FREQ3
0x42
7-0
FREQ2
0x43
7-0
FREQM
0x44
7-4
SYSPHL
0x45
3-0
SYSPHM
0x46
7-4
BURPHL
0x47
3-0
BURPHM
0x48
7-4
BRSTFULL
0x49
3-0
BRST1
0x4A
7-4
BRST2
FREQx
455 2
⁄
pixels line
⁄
---------------------------
2
32
×
=
pixels line
⁄
PXCK Frequency
H Period
------------------------------------------
=
FREQx
1135 4
⁄
()
1 625
⁄
()
+
pixels line
⁄
---------------------------------------------------
2
32
×
=
FREQ
909 4
⁄
pixels line
⁄
---------------------------
2
32
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com