Electronic Components Datasheet Search
  English  ▼

X  

TMC2192KHC Datasheet(PDF) 36 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 36 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 32Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 33Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 34Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 35Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 36Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 37Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 38Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 39Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 40Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
36
REV. 1.0.0 8/13/03
Control Register Definitions (continued)
Part Identification Register (0x02)
76543210
PARTID0
Reg
Bit
Name
Description
02
7-0
PARTID0
(Read Only) 0x92
Revision Identification Register (0x03)
76543210
REVID0
Reg
Bit
Name
Description
03
7-0
REVID0
Reads back the revision number of the part.
Gamma Filters Register (0x04)
76543210
RESERVED
RESERVED
RESERVED
RESERVED
SRESET
SKEN
PDRM
Reg
Bit
Name
Description
04
7-4
RESERVED
Set to Low
04
3
SRESET
Software RESET.
When LOW, resets internal state machines and disables outputs.
When HIGH, state machines are active and outputs are enabled.
04
2
SKEN
Data KEY Enable.
When SKEN is LOW, Data keying is disabled.
When SKEN is HIGH, Data keying is enabled.
04
1-0
PDRM
Pixel Data Ramping Mode. Pixel Data weighting for the rising edge of
active video.
NTSC:
0
0
1/8
1/2
7/8
1
1
PAL:
0
1/8
3/8
5/8
7/8
1
1
00
Pixels are weighted on the edge.
01
Sample and hold the 5th pixel for the slope weighting
1X
Hard switch
000111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com