Electronic Components Datasheet Search
  English  ▼

X  

TMC2192KHC Datasheet(PDF) 67 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 67 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 61Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 62Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 63Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 64Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 65Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 66Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 67Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 68Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 69Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
67
Output Low-Pass Filters
The response at 5.0MHz typically varies <
±0.25dB with
supplies of
±5V to ±8V. When operating in the 0dB gain
mode, pin 6 must be well isolated from ground planes. When
operating in the +6dB gain mode, pin 6 must have a low
resistance path to ground.
Figure 32. Pass Band
Figure 33. Stop Band
Figure 34. 2T Pulse
Figure 35. Group Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com