Electronic Components Datasheet Search
  English  ▼

X  

TMC2192KHC Datasheet(PDF) 63 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 63 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 59Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 60Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 61Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 62Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 63Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 64Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 65Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 66Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 67Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
63
System Performance Characteristics
Notes:
1. TTL input levels are 0.0 and 3.0 Volts, 10%-90% rise and fall times <3 ns.
2. Analog CLOAD <10 pF, D7-0 load <40 pF.
Parameter
Conditions
Min.
Typ.
Max.
Units
RES
D/A Converter Resolution
10
10
10
Bits
ELI
Integral Linearity Error
0.25
%
ELD
Differential Linearity Error
(monotonic)
0.10
%
EG
Gain Error
±7.5
%FS
dp
Differential Phase
PXCK = 27.00 MHz,40 IRE Ramp
0.5
degree
dg
Differential Gain
PXCK = 27.00 MHz,40 IRE Ramp
0.9
%
SKEW
CHROMA to LUMA Output
Skew
01
ns
PSRR
Power Supply Rejection
Ratio
f=1kHz
0.5
%/%VDD
Applications Discussion
The suggested output reconstruction filter is shown in Figure
29. The phase and frequency response for the encoder and
the reconstruction filter is shown in Figure 30.
Figure 28. Typical Analog Reconstruction Filter
Figure 29. Overall Response
The circuit in Figure 31 shows the connection of power sup-
ply voltages, output reconstruction filters and the external
voltage reference. All VDD pins should be connected to the
same power source.
The full-scale output voltage level for each D/A:
VOUTx = IOUTx x RLx = K x IREFx x RLx
= K x (VREF/RREFx) x RLx
where:
•IOUTx is the full-scale output current sourced by the D/A
converter.
•RLx is the resistive load on the D/A output pin.
• K is a constant for the TMC2192 D/A converters (approx-
imately equal to 34).
•IREFx is the reference current flowing out of the RREFx
pin to ground.
•VREF is the voltage measured on the VREF pin.
•RREFx is the total resistance connected between the
RREFx pin and ground.
The reference voltage in Figure 31 is from an LM185 1.2
Volt band-gap reference. The suggested trim is designed to
give
±10% of trim around 5K Ohms. This RREFx sets the
"gain" for that D/A converter. Varying RREFx
±10% will
cause the full-scale output voltage on the D/A to vary by
±10%.
An alternative output reconstruction filter is the Microelec-
tronic Modules Corp. ST-163E, which contains 4 indepen-
dent reconstruction filter. The phase and frequency response
of this filter is shown in the Output Low-Pass Filters Section
of this data sheet.
A_IN
A_OUT
R8
75
Ω
C7
330pF
C7
330pF
C6
27pF
C8
100pF
R9
75
Ω
L6
1.0
µH
65-6294-31
D1
DIODE
SCHOTTKY
L5 1.8
µH
D2
DIODE
SCHOTTKY
65-6294-32
Frequency (MHz)
0
-10
-20
-30
-40
0
5
10
15
20
25
0
90
180
270
360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com