Electronic Components Datasheet Search
  English  ▼

X  

TMC2192KHC Datasheet(PDF) 40 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 40 Page - Cadeka Microcircuits LLC.

Back Button TMC2192KHC Datasheet HTML 36Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 37Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 38Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 39Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 40Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 41Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 42Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 43Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 44Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
40
REV. 1.0.0 8/13/03
Control Register Definitions (continued)
Keying/Overlay Engine Register (0x09)
76543210
HKEN
BUKEN
SKEXT
DKDIS
EKDIS
FKDIS
LAYMODE
Reg
Bit
Name
Description
09
7
HKEN
Hardware KEY Enable.
When LOW, the KEY pin is ignored.
When HIGH, the KEY pin is enabled.
09
6
BUKEN
Burst KEY Enable.
When LOW, the output video burst is generated internally.
When HIGH, the output video burst is taken from the CVBS port.
09
5
SKEXT
Data KEY Operation Select.
When LOW, data keying is allowed only during active video window.
When HIGH, data keying is allowed during frame.
09
4
DKDIS
Y Data KEY Disable.
When LOW, Y input data is enabled for data keying.
When HIGH, Y input data is ignored for data keying.
09
3
EKDIS
CB Data KEY Disable.
When LOW, CB input data is enabled for data keying.
When HIGH, CB input data is ignored for data keying.
09
2
FKDIS
CR Data KEY Disable.
When LOW, CR input data is enabled for data keying.
When HIGH, CR input data is ignored for data keying.
09
1-0
LAYMODE
Layer Assignment Select.
Mode
BACKGND
Source
MIDGND
Source
Key
FOREGND
Source
Key
0
PD
OVERLAY
0L4-0
CVBS
KEY
1
PD
CVBS
KEY
OVERLAY
OL4-0
2
CVBS
OVERLAY
OL4-0
PD
KEY
3
CVBS
PD
KEY
OVERLAY
OL4-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com