| Electronic Components Datasheet Search |
|
TMC2192KHC Datasheet(PDF) 52 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
TMC2192KHC Datasheet(HTML) 52 Page - Cadeka Microcircuits LLC. |
|
52 / 69 page ![]() TMC2192 PRODUCT SPECIFICATION 52 REV. 1.0.0 8/13/03 Control Register Definitions (continued) Timing Register (0x2D) 76543210 XBP VA VB VC Reg Bit Name Description 2D 7-6 XBP Extended Color Back Porch Duration. 2 MSB’s of the 10 bit XBP, extending from 0 to 1023 PCK cycles. 2D 5-4 VA Active Video Duration. 2 MSB’s of the 10 bit VA, extending from 0 to 1023 PCK cycles. 2D 3-2 VB Active Video Region 1st Half Line Duration. 2 MSB’s of a 10 bit VB, extending from 0 to 1023 PCK cycles. 2D 1-0 VC Active Video Region 2nd Half Line Duration. 2 MSB’s of a 10 bit VC, extending from 0 to 1023 PCK cycles. Timing Register (0x2E) 76543210 FIELD LTYPE Reg Bit Name Description 2E 7-5 FIELD Field Identification. (READ ONLY) These three bits are updated 12 PXCK periods after each vertical sync. They allow the user to determine field type on a continuous basis 2E 4-0 LTYPE LineType Identification (READ ONLY) These three bits are updated 5 PXCK periods after each horizontal sync. They allow the user to determine line type on a continuous basis. Timing Register (0x2F) 76543210 CBL Reg Bit Name Description 2F 7-0 CBL Color Bar Duration. This 8 bit register holds a value extending from 0 to 255 PCK cycles. Color Space Matrix Register (0x30) 76543210 MCF1L Reg Bit Name Description 30 7-0 MCF1L Matrix Coefficient #1. Bits 7-0 of MCF1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |