Electronic Components Datasheet Search
  English  ▼

X  

TMC22091 Datasheet(PDF) 45 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 45 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 41Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 42Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 43Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 44Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 45Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 46Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 47Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 48Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 49Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
PRODUCT SPECIFICATION
TMC22091/TMC22191
45
Filtering
The TMC22x91 incorporates internal digital filters to estab-
lish appropriate bandwidths and simplify external analog fil-
ter designs.
Color-Difference Low-Pass Filters
The color-difference low-pass filters in the TMC22x91
establish chrominance bandwidths which meet the specifica-
tions outlined in CCIR Report 624-3, Table II, Item 2.6, for
system I over a range of pixel rates from 12.27 Mpps to
14.75 Mpps. Equal bandwidth is established for both color-
difference channels.
Figure 26. Color-Difference Low-Pass Filter Response
Interpolation Filters
The Chroma Modulator output and the luminance data path
are digitally filtered with sharp-cutoff low-pass interpolation
filters. These filters ensure that aliased subcarrier, chromi-
nance, and luminance frequencies are sufficiently suppressed
in the frequency band above base-band video and below the
pixel frequency (fS/4 to 3fS/4, where fS is the PXCK
frequency).
0
0
-10
-20
-30
Frequency (MHz)
-40
-50
-60
-70
-80
-90
1
2
3
4
5
6
7
8
24363A
f = 14.27 Mpps
CCIR Rep 624 Specification
f = 12.27 Mpps
Since these are fixed-coefficient digital filters, their filter
characteristics depend upon clock rate. Figures 26 and 27
show the frequency response for two pixel rates, 12.27 MHz
and 14.75 MHz.
Figure 27. Chroma Modulator and Luminance
Interpolation Filter Full Spectrum Response
Figure 28. Chroma Modulator and Luminance
Interpolation Filter Passband Detail
All digital-to-analog reconstruction systems exhibit a high
frequency roll-off as a result of the zero-order hold charac-
teristic of D/A converters. This response is commonly
referred to as a sin(x)/x response. It is a function of the sam-
pling rate of the output D/A.
0
0
-10
-20
-30
Frequency (MHz)
-40
-50
-60
-70
-80
-90
3
6
9
12
15
24394A
f = 14.75 Mpps
f = 12.27 Mpps
0
0
-1
-2
-3
Frequency (MHz)
-4
1
2
3
4
5
6
24365A
7
f = 14.75 Mpps
f = 12.27 Mpps
Figure 25. Frequency/Phase Data Transfer
4
PXCK
PIXEL
PIXEL
PIXEL
24383A
FREQUENCY
PHASE
FIELD IDENTIFICATION
0
1
2
3
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
PIXEL
PIXEL
FID f23:20 f19:16 f15:12 f11:8 f7:4
f3:0 φ23:20 φ19:16 φ15:12 φ11:8 φ7:4 φ3:0
GHSYNC
CVBS7-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com