| Electronic Components Datasheet Search |
|
TMC22091 Datasheet(PDF) 15 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
TMC22091 Datasheet(HTML) 15 Page - Cadeka Microcircuits LLC. |
|
15 / 60 page ![]() PRODUCT SPECIFICATION TMC22091/TMC22191 15 Control Register Definitions (continued) Interface Control Register (02) 7 6 5 4 3 2 1 0 VITSEN SHCY TBASE SOUT FBDIS PDCDIR FLDLK Reg Bit Name Function 02 7 VITSEN VITS lines enable. When LOW, all UBB lines in the vertical interval are black burst regardless of input data. When HIGH, all UBB lines in the vertical interval become UVV active video and are dependent upon input data. 02 6 SHCY Short-cycle test mode. When LOW, normal operation is enabled. when HIGH, EH (equalization pulse HIGH length) and SL (vertical sync LOW length) are shortened by 256. 02 5-4 TBASE Time-base source select. These two bits set up the TMC22x91 for either genlock or frame buffer control of timing. When bits 5 and 4 are: 0 0 the encoder counts out its own time-base from input clock PXCK. 0 1 the encoder locks to synchronizing signals from external genlock. 1 0 the encoder locks to synchronizing signals from frame buffer controller. 02 3 SOUT Sync output mode select. When LOW, VHSYNC and VVSYNC output separate horizontal and vertical sync pulses. When HIGH, composite sync (H and V) is output on VVSYNC while horizontal sync is output on VHSYNC. 02 2 FBDIS Frame buffer signals enable. When LOW, VVSYNC and VHSYNC outputs to frame buffer are enabled. When HIGH, VVSYNC and VHSYNC outputs to frame buffer are disabled. 02 1 PDCDIR PDC master/slave select. When LOW, PDC is an output where the encoder is requesting data from the frame buffer. When HIGH, PDC is an input, and directs the encoder to accept data from the frame buffer. 02 0 FLDLK Field lock select. When LOW, (in Slave mode) the encoder locks to each new field. When HIGH, the encoder locks to field 1 only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |