Electronic Components Datasheet Search
  English  ▼

X  

TMC22091 Datasheet(PDF) 35 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 35 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 31Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 32Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 33Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 34Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 35Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 36Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 37Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 38Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 39Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
PRODUCT SPECIFICATION
TMC22091/TMC22191
35
Figure 7. Modulated Ramp Waveform
24388A
Microprocessor Interface
The microprocessor interface comprises 13-lines. Two
address bits provide four addresses for device programming
and CLUT/register management. Address bit 0 selects
between control registers and CLUT memory. Address bit 1
selects between reading/writing the register addresses and
reading/writing register or CLUT data.
When writing, the address is presented along with a LOW on
the R/W pin during the falling edge of CS. Eight bits of data
are presented on D7-0 during the subsequent rising edge of
CS.
One additional falling edge of CS is needed to move input
data to the assigned working registers.
Figure 10. Microprocessor Port – Write Timing
Figure 11. Microprocessor Port – Read Timing
CS
R/W
A1-A0
D7-D0
tPWLCS
tSA
tHA
tSD
24323A
tHD
tPWHCS
CS
R/W
A1-A0
D7-D0
tPWLCS
tSA
tHA
tDOM
tDOZ
24324A
tHOM
tPWHCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com