Electronic Components Datasheet Search
  English  ▼

X  

TMC22091 Datasheet(PDF) 20 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 20 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 17Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 18Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 19Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 20Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 21Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 22Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 23Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 24Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
TMC22091/TMC22191
PRODUCT SPECIFICATION
20
Control Register Definitions (continued)
Standards Control Register (0F)
7
6
5
4
3
2
1
0
EFEN
SIX25
PALID
SETUP
YGAIN
CGAIN
Reg
Bit
Name
Function
0F
7
EFEN
Same as Register 0E bit 7, but read-only.
0F
6
SIX25
Select 625 lines per frame. When HIGH, the encoder assumes 625 line per
frame. When LOW, 525 lines per frame are assumed.
0F
5
PALID
PAL select. When HIGH, Phase alternate line (PAL) operation is selected.
When LOW, operation conforms to NTSC standards.
0F
4
SETUP
Setup enable. When HIGH, a 7.5 IRE Pedestal is added to the output video.
when LOW, no pedestal is added.
0F
3-2
YGAIN
Luminance gain settings are adjusted to conform to the following NTSC and
PAL standards:
0 0 NTSC without SETUP
0 1 NTSC-A and PAL-M
1 0 PAL-I and PAL-N
1 1 Reserved
0F
1-0
CGAIN
Chrominance gain settings are adjusted to conform to the following NTSC and
PAL standards:
0 0 NTSC without SETUP
0 1 NTSC-A and PAL-M
1 0 PAL-I and PAL-N
1 1 Reserved
Timing Registers (10-17)
Reg
Bit
Name
Function
10
7-0
SY
Horizontal sync tip length. This 8-bit register holds a value extending from 0 to
255 PCK cycles.
11
7-0
BR
Breezeway length. This 8-bit register holds a value extending from 0 to 255
PCK cycles.
12
7-0
BU
Burst length. This 8-bit register holds a value extending from 0 to 255 PCK
cycles.
13
7-0
CBP
Color back porch length. This 8-bit register holds a value extending from 0 to
255 PCK cycles.
14
7-0
XBP
Extended color back porch 8 LSBs. This 8-bit register holds the LSBs of a
10-bit value extending from 0 to 1023 PCK cycles. The two MSBs are located in
control register 18.
15
7-0
VA
Active video 8 LSBs. This 8-bit register holds the LSBs of a 10-bit value
extending from 0 to 1023 PCK cycles. The two MSBs are located in control
register 18.
16
7-0
VC
Active video start 8 LSBs. This 8-bit register holds the LSBs of a 10-bit value
which is the initial half active video length extending from 0 to 1023 PCK cycles.
The two MSBs are located in control register 18.
17
7-0
VB
Active video end 8 LSBs This 8-bit register holds the LSBs of a 10-bit value
which is the end half active video length extending from 0 to 1023 PCK cycles.
The two MSBs are located in control register 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com