Electronic Components Datasheet Search
  English  ▼

X  

TMC22091 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  TMC22091 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
PRODUCT SPECIFICATION
TMC22091/TMC22191
3
Mask Register
A Mask Register is provided which is logically ANDed with
incoming color-index data to facilitate pixel animation and
other special graphics effects. The Mask Register is ahead of
the Data Key comparators and is enabled only when color-
index input is selected. Mask Register programming and
operation are similar to that of the 171/176 family of graph-
ics RAMDACS.
Color Lookup Table
The Color Lookup Table (CLUT) is a 256 x 8 x 3 random-
access memory. It provides means for offset, gain, gamma,
and color correction in RGB and YCBCR operating modes. It
provides a full 24-bit color lookup function for color-index
mode. It can be loaded in the same manner as a standard
VGA RAMDAC.
Colorspace Conversion Matrix and
Interpolator
The matrix converts RGB data (whether from RGB inputs or
color-indexed CLUT data) into Y, B-Y, R-Y format for
encoding. In input configurations where the pixel input is
already in Y, B-Y, R-Y format, the matrix is bypassed. When
pixel data is input in YCBCR422 format, the interpolation fil-
ters produce YCBCR444 for encoding.
Sync Generator
The TMC22x91 can operate in Master, Genlock, or Slave
modes. In Master and Genlock modes, the encoder internally
generates all timing and sync signals, and provides Horizon-
tal Sync, Vertical Sync, and Pixel Data Control (PDC) to the
external frame buffer circuitry. PDC is independently select-
able to function as an input or an output. In Genlock mode,
the TMC22x91 timing is controlled by the TMC22071 Gen-
locking Video Digitizer over the CVBS7-0 bus, GVSYNC,
and GHSYNC. The encoder, in turn, produces VHSYNC,
VVSYNC, and PDC for the frame buffer interface.
Figure 1a. Pixel Data Format
MSB
23
LSB
0
16
GBR444
MODE
24300A
RGB444
YCBCR444
YCBCR422
COLOR INDEX
GBR15
RGB15
00011000
Format Control Register
00010000
00011100
00011101
0001X011
00011010
00010010
G
B
R
R
G
B
Y
CB
CR
G
B
R
R
G
B
Y
CB/CR
Pixel
15
G7
G0 B7
B0 R7
R0
R7
R0 G7
G0 B7
B0
Y7
Y0 CB7
CB0RR7
RR0
Y7
Y0
CB7
CR7
CB0
CR0
P7
P0
G4
R0
R4
G0
R0
B4
G4
B0
G0
R4
B4
B0
8
7
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com