Electronic Components Datasheet Search
  English  ▼

X  

TMC22091 Datasheet(PDF) 48 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 48 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 44Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 45Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 46Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 47Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 48Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 49Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 50Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 51Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 52Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
TMC22091/TMC22191
PRODUCT SPECIFICATION
48
Figure 34. Transition Levels for Three-State Measurements
Absolute Maximum Ratings (beyond which the device may be damaged)1
Notes:
1. Absolute maximum ratings are limiting values applied individually while all other parameters are within specified operating
conditions. Functional operation under any of these conditions is NOT implied.
2. Applied voltage must be current limited to specified range, and measured with respect to GND.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current, flowing into the device.
Parameter
Min.
Max.
Unit
Power Supply Voltage
-0.5
7.0
V
Digital Inputs
Applied Voltage2
-0.5
VDD+0.5
V
Forced Current3,4
-20.0
20.0
mA
Digital Outputs
Applied Voltage2
-0.5
VDD+0.5
V
Forced Current3,4
-20.0
20.0
mA
Short Circuit Duration (Single output in HIGH state to GND)
1
second
Analog Output Short Circuit Duration (Single output to GND)
Infinite
Temperature
Operating, ambient
-20
110
°C
Operating, junction, plastic package
140
°C
Lead, soldering (10 seconds)
300
°C
Vapor phase soldering (1 minute)
220
°C
Storage
-65
150
°C
tHOM
tDOZ
tDOM
0.5V
27029A
2.0V
0.8V
0.5V
Hi-Z
CS
D7-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com